Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7740DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7740DN
Description  15W Class D Mono Single Ended Audio Amplifer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7740DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7740DN Datasheet HTML 1Page - Monolithic Power Systems MP7740DN Datasheet HTML 2Page - Monolithic Power Systems MP7740DN Datasheet HTML 3Page - Monolithic Power Systems MP7740DN Datasheet HTML 4Page - Monolithic Power Systems MP7740DN Datasheet HTML 5Page - Monolithic Power Systems MP7740DN Datasheet HTML 6Page - Monolithic Power Systems MP7740DN Datasheet HTML 7Page - Monolithic Power Systems MP7740DN Datasheet HTML 8Page - Monolithic Power Systems MP7740DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP7740 – 15W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7740 Rev. 0.9
www.MonolithicPower.com
4
9/22/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
PIN
Amplifier Positive Input. PIN is the positive side of the differential input to the amplifier. Use a
resistive voltage divider to set the voltage at PIN to VDD/2. See Figure 1.
2
NIN
Amplifier Negative Input. NIN is the negative side of the differential input to the amplifier. Drive
the input signal and close the feedback loop at NIN. See Figure 1.
3
AGND Analog Ground. Connect AGND to PGND at a single point.
4
EN
Enable Input. Drive EN high to turn on the amplifier, low to turn it off.
5
BS
High-Side MOSFET Bootstrap Input. A capacitor from BS to SW supplies the gate drive
current to the internal high-side MOSFET.
6
VDD
Power Supply Input. VDD is the drain of the high-side MOSFET switch, and supplies the
power to the output stage and the MP7740 internal control circuitry. In addition to the main
bulk capacitor, bypass VDD to PGND with a 1µF X7R capacitor placed close to pins 6 and 8.
7
SW
Switched Power Output. SW is the output of the MP7740. Connect the LC filter between SW
and the output coupling capacitor. See Figure 1.
8
PGND Power Ground. Connect PGND to AGND at a single point.
Exposed
Pad
Connect exposed pad to GND plane for proper thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com