Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7740DN Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7740DN
Description  15W Class D Mono Single Ended Audio Amplifer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7740DN Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7740DN Datasheet HTML 1Page - Monolithic Power Systems MP7740DN Datasheet HTML 2Page - Monolithic Power Systems MP7740DN Datasheet HTML 3Page - Monolithic Power Systems MP7740DN Datasheet HTML 4Page - Monolithic Power Systems MP7740DN Datasheet HTML 5Page - Monolithic Power Systems MP7740DN Datasheet HTML 6Page - Monolithic Power Systems MP7740DN Datasheet HTML 7Page - Monolithic Power Systems MP7740DN Datasheet HTML 8Page - Monolithic Power Systems MP7740DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP7740 – 15W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7740 Rev. 0.9
www.MonolithicPower.com
5
9/22/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES
Circuit of Figure 1, VDD=24V, VEN=5V, AV=8.25V/V, TA = +25°C, unless otherwise noted.
FREQUENCY (Hz)
FREQUENCY (KHz)
2
-120
-100
-80
-60
-40
-20
0
4 6 8 1012141618 20
FREQUENCY (Hz)
-120
-100
-80
-60
-40
-20
0
FREQUENCY (KHz)
2 4 6 8 10 12 14 16 18 20
-10
+4
-8
-6
-4
-2
+0
+2
40k
20
100
1k
10k
40k
20
100
1k
10k
-10
-8
-6
-4
-2
0
+2
+4
FREQUENCY (Hz)
FREQUENCY (Hz)
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
60m
200m
1
5
20
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
60m
200m
1
5
20
Freq=1kHz
Freq=100Hz
Freq=10kHz
Freq=10kHz
Freq=1kHz
20
100
500
2k
10k
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
100
500
2k
10k
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
POUT(W)
POUT(W)
Freq=100Hz
-80
+0
-70
-60
-50
-40
-30
-20
-10
20
100
500
2k
10k
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com