Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7740DN Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP7740DN
Description  15W Class D Mono Single Ended Audio Amplifer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7740DN Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP7740DN Datasheet HTML 4Page - Monolithic Power Systems MP7740DN Datasheet HTML 5Page - Monolithic Power Systems MP7740DN Datasheet HTML 6Page - Monolithic Power Systems MP7740DN Datasheet HTML 7Page - Monolithic Power Systems MP7740DN Datasheet HTML 8Page - Monolithic Power Systems MP7740DN Datasheet HTML 9Page - Monolithic Power Systems MP7740DN Datasheet HTML 10Page - Monolithic Power Systems MP7740DN Datasheet HTML 11Page - Monolithic Power Systems MP7740DN Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP7740 – 15W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7740 Rev. 0.9
www.MonolithicPower.com
11
9/22/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
AUDIO
INPUT
OFF ON
VDD
MP7740
SW
BS
PGND
VDD
PIN
EN
NIN
AGND
CR
CFB
CF
LF
CBYP
CBS
CVDDBYP
COUT
DSL
(Optional) (8)
CINT
CIN
RIN
RFB
RRH
RRL
8
6
5
7
1
4
2
3
OUTPUT
22pF
5.6nF
Figure 1— Mono Typical Application Circuit
NIN
EN
AGND
PIN
VDD
BS
1
3
2
6
5
PGND
8
7
SW
RRH
CBYP
RRL
CR
CBS
AGND
PGND
CFB
RFB
CVDDBYP
CINT
MP7740
Feedback
signal
CF
4
LF
AGND
PGND
D
SL
(Optional)
(8)
Top
Bottom
Figure 2—Reference PCB Layout
Notes:
8) Schottky diode DSL only be required for short circuit protection. Detailed see SHORT CIRCUIT/OVERLOAD PROTECTION section in
Operation Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com