Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7747 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP7747
Description  20W Class D Mono Single Ended Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7747 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP7747 Datasheet HTML 1Page - Monolithic Power Systems MP7747 Datasheet HTML 2Page - Monolithic Power Systems MP7747 Datasheet HTML 3Page - Monolithic Power Systems MP7747 Datasheet HTML 4Page - Monolithic Power Systems MP7747 Datasheet HTML 5Page - Monolithic Power Systems MP7747 Datasheet HTML 6Page - Monolithic Power Systems MP7747 Datasheet HTML 7Page - Monolithic Power Systems MP7747 Datasheet HTML 8Page - Monolithic Power Systems MP7747 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP7747 – 20W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7747 Rev. 1.0
www.MonolithicPower.com
2
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP7747DQ
QFN10 (3mm x 3mm)
AAZ
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP7747DQ–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP7747DQ–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VDD ...................................... 40V
BS Voltage..................VSW – 0.3V to VSW + 6.5V
Enable Voltage VEN.........................-0.3V to +6V
VUVP, VSW, VPIN, VNIN ...................-1V to VDD + 1V
AGND to PGND ...........................-0.3V to +0.3V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....2.5W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VDD ..........................9.5V to 36V
Operating Junct. Temp. (TJ)..... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
3x3 QFN10..............................50 ...... 12 .......
°C
Notes:
1)
Exceeding these ratings may damage the device.
2)
The maximum allowable power dissipation is a function of
the maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) =
(TJ(MAX)-TA)/ θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3)
The device is not guaranteed to function outside of its
operating conditions.
4)
Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com