Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7747 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP7747
Description  20W Class D Mono Single Ended Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7747 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP7747 Datasheet HTML 6Page - Monolithic Power Systems MP7747 Datasheet HTML 7Page - Monolithic Power Systems MP7747 Datasheet HTML 8Page - Monolithic Power Systems MP7747 Datasheet HTML 9Page - Monolithic Power Systems MP7747 Datasheet HTML 10Page - Monolithic Power Systems MP7747 Datasheet HTML 11Page - Monolithic Power Systems MP7747 Datasheet HTML 12Page - Monolithic Power Systems MP7747 Datasheet HTML 13Page - Monolithic Power Systems MP7747 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP7747 – 20W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7747 Rev. 1.0
www.MonolithicPower.com
13
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
1
10
6
4
3
2
9
8
7
5
PIN
NIN
EN
UVP
AGND
Timer
SW
BS
VDD
PGND
CR
CTIMER
AUDIO
INPUT
CFB
CBS
OUTPUT
COUT
CIN
RIN
RFB
CF
VDD
CVDDBYP
OFF ON
CBYP
RL
RH
LF
50V
5.6nF
50V
50V
50V
22pF
CINT
50V
50V
16V
Figure 3— 24V VDD Mono Typical Application Circuit
AGND
PGND
Top
Bottom
Figure 4—Reference PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com