Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7747 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP7747
Description  20W Class D Mono Single Ended Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7747 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP7747 Datasheet HTML 6Page - Monolithic Power Systems MP7747 Datasheet HTML 7Page - Monolithic Power Systems MP7747 Datasheet HTML 8Page - Monolithic Power Systems MP7747 Datasheet HTML 9Page - Monolithic Power Systems MP7747 Datasheet HTML 10Page - Monolithic Power Systems MP7747 Datasheet HTML 11Page - Monolithic Power Systems MP7747 Datasheet HTML 12Page - Monolithic Power Systems MP7747 Datasheet HTML 13Page - Monolithic Power Systems MP7747 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP7747 – 20W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7747 Rev. 1.0
www.MonolithicPower.com
11
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
==
ω×
π × ×
LOAD
LOAD
00
RR
Q
L2
f
L
ω0 is the characteristic frequency in radians per
second and f0 is in Hz. Use an LC filter with Q
between 0.7 and 1.
The actual output ripple and noise is greatly
affected by the type of inductor and capacitor used
in the LC filter. Use a film capacitor and an
inductor with sufficient power handling capability
to supply the output current to the load. The
inductor
should
exhibit
soft
saturation
characteristics. If the inductor exhibits hard
saturation, it should operate well below the
saturation
current.
Gapped
ferrite,
MPP,
Powdered Iron, or similar type toroidal cores are
recommended. If open or shielded bobbin ferrite
cores are used for multi-channel designs, make
sure that the start windings of each inductor line
up (all starts going toward SW pin, or all starts
going toward the output) to prevent crosstalk or
other channel-to-channel interference.
Output Coupling Capacitor
The output AC coupling capacitor COUT serves to
block DC voltages and thus passes only the
amplified AC signal from the LC filter to the load.
The combination of the coupling capacitor, COUT
and the load resistance results in a first-order
high-pass filter. The value of COUT should be
selected such that the required minimum
frequency is still allowed to pass. The output
corner frequency (-3dB point), fOUT, can be
calculated as:
OUT
LOAD
OUT
C
R
2
1
f
×
×
π
×
=
Set the output corner frequency (fOUT) at or below
the minimum required frequency.
The output coupling capacitor carries the full load
current, so a capacitor should be chosen such
that its ripple current rating is greater than the
maximum load current. Low ESR aluminum
electrolytic capacitors are recommended.
Input Coupling Capacitor
The input coupling capacitor CIN is used to pass
only the AC signal at the input. In a typical
system application, the source input signal is
typically centered around the circuit ground, while
the MP7747 input is at half the power supply
voltage (VDD/2). The input coupling capacitor
transmits the AC signal from the source to the
MP7747 while blocking the DC voltage. Choose
an input coupling capacitor such that the corner
frequency (fIN) is less than the passband
frequency. The corner frequency is calculated as:
IN
IN
IN
C
R
2
1
f
×
×
π
×
=
Timer Capacitor
The start up source current slew rate is
adjustable by selecting different capacitance of
timer capacitor CTIMER. The larger the CTIMER
capacitance is, the smaller the start up current
slew rate is. It is recommended to use the CTIMER
which capacitance is larger than 312nF, so the
start up current slew rate would be smaller than
20mA/50ms which would help to eliminate the
turn on pop. The recommended 2.2µF capacitor
CTIMER results in a start up current slew rate of
approximately 20mA/350ms.
Power Source
For maximum output power, the amplifier circuit
requires a regulated external power source to
supply the power to the amplifier. The higher the
power supply voltage, the more power can be
delivered to a given load resistance, however if
the power source voltage exceeds the maximum
voltage of 36V, the MP7747 may sustain
damage. The power supply rejection of the
MP7747 is excellent (typically -60dB), however
noise at the power supply can get to the output,
so care must be taken to minimize power supply
noise within the pass-band frequencies. Bypass
the power supply with a large capacitor (typically
aluminum electrolytic) along with a smaller 1µF
ceramic capacitor at the MP7747 VDD supply
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com