Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7748DF Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP7748DF
Description  2x20W Stereo Single Ended Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748DF Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP7748DF Datasheet HTML 3Page - Monolithic Power Systems MP7748DF Datasheet HTML 4Page - Monolithic Power Systems MP7748DF Datasheet HTML 5Page - Monolithic Power Systems MP7748DF Datasheet HTML 6Page - Monolithic Power Systems MP7748DF Datasheet HTML 7Page - Monolithic Power Systems MP7748DF Datasheet HTML 8Page - Monolithic Power Systems MP7748DF Datasheet HTML 9Page - Monolithic Power Systems MP7748DF Datasheet HTML 10Page - Monolithic Power Systems MP7748DF Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MP7748 – 2X20W STEREO SINGLE ENDED CLASS D AUDIO AMPLIFIER
MP7748 Rev. 1.0
www.MonolithicPower.com
7
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES (continued)
Circuit of Figure 5, single-ended output configuration, VDD=24V, VEN=5V, AV=8.25V/V, TA = +25°C,
unless otherwise noted.
FREQUENCY (kHz)
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
Efficiency vs. POUT
VDD = 24V,
Input Signal Frequency=1kHz
POUT(W)
T
T
Note: Dashed Lines represent
thermally limited regions.
POUT vs. VDD
Input Signal Frequency =1kHz
the same POUT for both channels
VDD (V)
0
5
10
15
20
25
30
35
010
20
30
40
-120
+0
-100
-80
-60
-40
-20
220
4 6 8 10 12 14 16 18
20
20k
100
1k
10k
-120
+0
-100
-80
-60
-40
-20
20k
100
1k
10k
-120
+0
-100
-80
-60
-40
-20
20
20
100
+0
-80
-120
-60
-40
-20
30k
1k
10k
-100
60 100
+0
-80
-120
-60
-40
-20
30k
1k
10k
-100
0
10
20
30
40
50
60
70
80
90
100
0 2
4 6 8 10 1214 161820
Left to Right
Right to Left
Left to Right
Right to Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com