Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7748DF Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP7748DF
Description  2x20W Stereo Single Ended Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748DF Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP7748DF Datasheet HTML 4Page - Monolithic Power Systems MP7748DF Datasheet HTML 5Page - Monolithic Power Systems MP7748DF Datasheet HTML 6Page - Monolithic Power Systems MP7748DF Datasheet HTML 7Page - Monolithic Power Systems MP7748DF Datasheet HTML 8Page - Monolithic Power Systems MP7748DF Datasheet HTML 9Page - Monolithic Power Systems MP7748DF Datasheet HTML 10Page - Monolithic Power Systems MP7748DF Datasheet HTML 11Page - Monolithic Power Systems MP7748DF Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MP7748 – 2X20W STEREO SINGLE ENDED CLASS D AUDIO AMPLIFIER
MP7748 Rev. 1.0
www.MonolithicPower.com
8
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES (continued)
Circuit of Figure 6, BTL output configuration, VDD=24V, VEN=5V, AV=15V/V, TA = +25°C, unless
otherwise noted.
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
POUT (W)
POUT (W)
FREQUENCY (Hz)
FREQUENCY (Hz)
20
20k
100
1k
10k
10
40k
100
1k
10k
10
40k
100
1k
10k
0.001
20
0.01
0.1
1
10
20
20k
100
1k
10k
0.001
20
0.01
0.1
1
10
0.02
0.01
0.05
0.1
0.2
0.5
1
2
5
20
10
+20
+25
+30
+0
+5
+10
+15
+20
+25
+30
+0
+5
+10
+15
20
20k
100
1k
10k
-80
+0
-70
-60
-50
-40
-30
-20
-10
50m
60
200m
1
10 20
50m
50
200m
1
10 20
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Freq=10kHz
Freq=10kHz
Freq=1kHz
Freq=1kHz
Freq=100kHz
Freq=100kHz
FREQUENCY (Hz)
FREQUENCY (kHz)
20
20k
100
1k
10k
-80
+0
-70
-60
-50
-40
-30
-20
-10
+0
-80
-60
-40
-20
220
46 8 10 12 14 16 18
-120
-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com