Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7748DF Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP7748DF
Description  2x20W Stereo Single Ended Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748DF Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP7748DF Datasheet HTML 11Page - Monolithic Power Systems MP7748DF Datasheet HTML 12Page - Monolithic Power Systems MP7748DF Datasheet HTML 13Page - Monolithic Power Systems MP7748DF Datasheet HTML 14Page - Monolithic Power Systems MP7748DF Datasheet HTML 15Page - Monolithic Power Systems MP7748DF Datasheet HTML 16Page - Monolithic Power Systems MP7748DF Datasheet HTML 17Page - Monolithic Power Systems MP7748DF Datasheet HTML 18Page - Monolithic Power Systems MP7748DF Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP7748 – 2X20W STEREO SINGLE ENDED CLASS D AUDIO AMPLIFIER
MP7748 Rev. 1.0
www.MonolithicPower.com
15
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
to the MP7748 while blocking the DC voltage.
Choose an input coupling capacitor such that the
corner frequency (fIN) is less than the passband
frequency. The corner frequency is calculated as:
IN
IN
IN
C
R
2
1
f
×
×
π
×
=
Timer capacitor
The start up source current slew rate is
adjustable by selecting different capacitance of
timer capacitor CTIMER. The larger the CTIMER
capacitance is, the smaller the start up current
slew rate is. It is recommended to use the CTIMER
which capacitance is larger than 312nF, so the
start up current slew rate would be smaller than
20mA/50ms which would help to eliminate the
turn on pop. The recommended 2.2µF capacitor
CTIMER results in a start up current slew rate of
approximately 20mA/350ms.
Power Source
For maximum output power, the amplifier circuit
requires a regulated external power source to
supply the power to the amplifier. The higher the
power supply voltage, the more power can be
delivered to a given load resistance, however if
the power source voltage exceeds the maximum
voltage of 36V, the MP7748 may sustain
damage. The power supply rejection of the
MP7748 is excellent, however noise at the power
supply can get to the output, so care must be
taken to minimize power supply noise within the
pass-band frequencies. Bypass the power supply
with a large capacitor (typically aluminum
electrolytic) along with a smaller 1µF ceramic
capacitor at the MP7748 VDD supply pins.
PCB Layout
The circuit layout is critical for optimum
performance and low output distortion and noise.
It is highly recommended to duplicate EVB layout
for
optimum
performance.
If
change
is
necessary, please follow these guidelines and
take Figure 7 for references.
1) Place the following components as close to
the MP7748 as possible:
Bootstrap Cap
CBS1 and CBS2 are used to supply the gate drive
current to the internal high-side MOSFET. Place
CBS1 as close to BST1/2 pin and SW1/2 pin as
possible. Likewise, place CBS2 as close to BST2
pin and SW2 pins as possible.
Power Supply Bypass Cap
CBYP1 and CBYP2 carry the transient current for the
switching power stage. To prevent overstressing
of the MP7748 and excessive noise at the output,
place CBYP1 as close to VDD1 pins and PGND1
pins as possible and also place CBYP2 as close to
VDD2 pins and PGND2 pins as possible.
Integral Capacitors
CINT are used to set the amplifier switching
frequencies and are typically on the order of a
few nF. Place the integral capacitor CINT as close
to the corresponding input as possible to reduce
distortion and noise. For example, place CINT1 as
close to pins 2 and 3 as possible at SE output
configuration.
Reference Bypass Capacitors For SE Output
When used with SE output, CR1 and CR2 is
needed to filter the ½ VDD reference voltages.
Place CR1 and CR2 as close to the IC as possible
to improve power supply rejection and reduce
distortion and noise at the output.
2) The Inductor-Capacitor (LC) filter converts the
pulse train at SW to the output voltage that drives
the speaker. Please keep the filter capacitor
close to the inductor.
3) When laying out the PCB, use two separate
ground planes, analog ground (AGND) and
power ground (PGND), and connect the two
grounds together at a single point (usually
around the bulk bypass capacitor) to prevent
noise injection into the amplifier input to reduce
distortion.
4) Keep the sensitive feedback signal trace on
the input side and shield the trace with the AGND
plane. Make sure that any traces carrying the
switch node (SW) voltages are separated far
from any input signal traces. If it is required to run
the SW trace near the input, shield the input with
a ground plane between the traces. Make sure
that each channel is physically separated to
prevent crosstalk. Make sure that all inductors
used on a single circuit board have the same
orientation.
Also, make sure that the power supply is routed
from the source to each channel individually, not
serially. This prevents channel-to-channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com