Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8044 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8044
Description  22V, 4A Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8044 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8044 Datasheet HTML 1Page - Monolithic Power Systems MP8044 Datasheet HTML 2Page - Monolithic Power Systems MP8044 Datasheet HTML 3Page - Monolithic Power Systems MP8044 Datasheet HTML 4Page - Monolithic Power Systems MP8044 Datasheet HTML 5Page - Monolithic Power Systems MP8044 Datasheet HTML 6Page - Monolithic Power Systems MP8044 Datasheet HTML 7Page - Monolithic Power Systems MP8044 Datasheet HTML 8Page - Monolithic Power Systems MP8044 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP8044 - 22V, 4A DUAL CHANNEL POWER HALF-BRIDGE
M8044 Rev. 1.0
www.MonolithicPower.com
4
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
POR-VFB
Feedback Point for Power-On-Reset Comparator. An external resistor is connected
between the supply to be monitored and this pin.
2
AGND1
Analog Ground 1.
3
PWM1
Driver Logic Input 1. Drive PWM1 with the signal that controls the MP8044 SW1.
Drive PWM high to turn on the high side switch; drive PWM low to turn on the
low-side switch.
4
STBYB
Standby Input. Default low (internal pull-down). If driven high, the output of the drivers
is determined by the PWM1/2. If driven low, the output of both drivers is high
impedance.
5
PWM2
Driver Logic Input 2. Drive PWM2 with the signal that controls the MP8044 SW2.
Drive PWM high to turn on the high side switch; drive PWM low to turn on the
low-side switch
6
FAULTB
Fault Output. A low output at FAULTB indicates that the MP8044 has detected an
over temperature or over current condition. This output is open drain.
7
SHDNB
Shutdown Input. When low, the IC will be shut off.
8
AGND2
Analog Ground 2.
9
POR-OUT
Output of the Power-On-Reset. A high indicates the voltage at POR_VFB is lower
than 1.25V.
10
VDR2
Gate Drive Supply Bypass. The voltage at VDR2 is supplied from an internal
regulator from its respective VSP. VDR2 powers the internal circuitry and internal
MOSFET gate drive for its respective SW2 stage. Bypass VDR2 to PGND with a
0.1μF to 10μF capacitor.
11
BST2
Bootstrap Supply. BST2 powers the high-side gate of the SW2 stage. Connect a
0.1μF or greater capacitor between BST2 and SW2.
12
PGND2
Power Ground of channel 2. Connect the exposed pad on bottom side to the ground
plane.
13
SW2
Switched Output 2. Connect the output LC filter to SW2. SW2 is valid approximately
100µs after VSP goes high.
14,15, 16
VSP
Power Supply Input. Connect VSP to the positive side of the input power supply.
Bypass VSP to PGND as close to the IC as possible.
17
SW1
Switched Output 1. Connect the output LC filter to SW1. SW1 is valid approximately
100µs after VSP goes high.
18
PGND1
Power Ground of Channel 1. Connect the exposed pad on bottom side to the ground
plane.
19
BST1
Bootstrap Supply. BST1 powers the high-side gate of the SW1 stage. Connect a
0.1μF or greater capacitor between BST1 and SW1.
20
VDR1
Gate Drive Supply Bypass. The voltage at VDR1 is supplied from an internal
regulator from its respective VSP. VDR1 powers the internal circuitry and internal
MOSFET gate drive for its respective SW1 stage. Bypass VDR1 to PGND with a
0.1μF to 10μF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com