Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8044 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP8044
Description  22V, 4A Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8044 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP8044 Datasheet HTML 1Page - Monolithic Power Systems MP8044 Datasheet HTML 2Page - Monolithic Power Systems MP8044 Datasheet HTML 3Page - Monolithic Power Systems MP8044 Datasheet HTML 4Page - Monolithic Power Systems MP8044 Datasheet HTML 5Page - Monolithic Power Systems MP8044 Datasheet HTML 6Page - Monolithic Power Systems MP8044 Datasheet HTML 7Page - Monolithic Power Systems MP8044 Datasheet HTML 8Page - Monolithic Power Systems MP8044 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MP8044 - 22V, 4A DUAL CHANNEL POWER HALF-BRIDGE
M8044 Rev. 1.0
www.MonolithicPower.com
7
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
The MP8044 is a high voltage, dual channel
power half-bridge driver that can be configured
as the output of a Class D amplifier. The output
is in phase with the input and the dead time is
optimized
for
symmetrical
performance,
regardless of load conditions.
When the shutdown (SHDNB) pin is low, both
channels 1 and 2 will be off. When the standby
(STBYB) is pulled low, it causes the outputs of
both channels to go into high impedance.
However, when the voltage across the BST1/2
and SW1/2 pins drops sufficiently low, the
bottom MOSFET will be turned on to refresh the
external bootstrap capacitor. For a bootstrap
capacitor of 100nF, the refresh time is
approximately 300ns.
In order to prevent erratic operation, two under
voltage lockout (UVLO) circuits are used. One
of them is to ensure that the supply for the
bottom gate drive circuit is sufficiently high and
the other is for the top gate driver.
Voltage Monitoring
The MP8044 contains a hysteretic comparator
that can easily be used for supply voltage
monitoring (see block diagram). The user can
connect a resistor from the supply that is to be
monitored to the POR_VFB pin. The trip point is
given by:
EXT
TRIP
55k + R
V
= 1.25x
55k
The hysteresis is given by:
HYS
EXT
V
= (2.27E - 6)xR
When the VFB_POR voltage is greater than
1.25V, the POR_OUT is low. The voltage swing
on the POR_VFB pin is approximately from
0.2V to 4.5V. Do not apply more than 6V to the
POR_VFB.
Fault Protection
To protect the power MOSFETs, an internal
current limit of 4A is set for all MOSFETs. When
this limit is reached, all MOSFETs will go into
high impedance for a fixed duration of
approximately 8us before resuming normal
operation.
However, in certain conditions, when the
current through the upper MOSFET exceeds 4A,
all MOSFETs will go into high impedance but
normal operation will only resume if the inductor
current has been reset to close to zero.
To enhance the robustness of the device under
short circuit condition, a capacitor can be
connected to the FaultB pin, as shown in figure
1. The time constant of the RC is selected to be
greater than 50ms for the FaultB node to reach
1V. Under short circuit condition, the FaultB
node will be reset to zero and the part will be
place in standby mode until the voltage at the
STBYB pin is above 1V.
Figure 1— Fault Protection Circuit
Fault Output
The MP8044 includes an open drain, active low
fault indicator output (FAULTB). A fault will be
indicated if the current limit is tripped or the
thermal shutdown is tripped.
A fault on any channel will cause the FAULTB
pin to be pulled low. A fault on either channel
will cause the outputs (SW1, SW2) to go into
high impedance. When the fault goes away, the
MP8044 will resume normal operation.
Do not apply more than 6V to the FAULTB pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com