Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8044 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8044
Description  22V, 4A Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8044 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8044 Datasheet HTML 1Page - Monolithic Power Systems MP8044 Datasheet HTML 2Page - Monolithic Power Systems MP8044 Datasheet HTML 3Page - Monolithic Power Systems MP8044 Datasheet HTML 4Page - Monolithic Power Systems MP8044 Datasheet HTML 5Page - Monolithic Power Systems MP8044 Datasheet HTML 6Page - Monolithic Power Systems MP8044 Datasheet HTML 7Page - Monolithic Power Systems MP8044 Datasheet HTML 8Page - Monolithic Power Systems MP8044 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP8044
22V, 4A Dual Channel Power Half-Bridge
M8044 Rev. 1.0
www.MonolithicPower.com
1
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8044 is a dual channel power half
bridge that can be configured as the output
stage of a Class-D audio amplifier. Each
channel can be driven independently as stereo
single ended audio amplifiers or driven
complementary in a bridge tied load (BTL)
audio amplifier configuration.
The MP8044 features a low current shutdown
mode, standby mode, input under voltage
protection, current limit, thermal shutdown and
fault flag signal output. Both channels of drivers
interface with standard logic signals.
The MP8044 is available in a 20-pin TSSOP
package with exposed pad.
FEATURES
• 4A Peak Current Output
• Up to 600kHz Switching Frequency
• Protected Integrated Power 0.2Ω Switches
• 30ns Switch Dead Time
• All Switches Current Limited
• Internal Under Voltage Protection
• Internal Thermal Protection
• 2.1mA Operating Current
• Fault Output Flag
• Stereo
Single
Ended
Output
Power:
8W/Channel at 22V, 8Ω Load
• Bridge Tied Load Output Power: 30W at 22V,
8Ω Load
APPLICATIONS
• Class D Audio Drivers
• Motor Drivers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8044
U1
POR-VFB
AGND1
PWM1
STBYB
PWM2
FAULTB
SHDNB
AGND2
POR-OUT
VDR2
VDR1
BST1
PGND1
SW1
VSP
VSP
VSP
SW2
PGND2
BST2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
VCC
VDD
CN1
CN2
OUT1
OUT2
GND
PWM1
+
VCC
D4
D5
D7
D6
22
22
8
D2
1N4148
D3
1N4148
STBYB
PWM2
FAULTB
SHDNB
POR-OUT
VCC


Similar Part No. - MP8044

ManufacturerPart #DatasheetDescription
logo
Dc Components
MP804 DCCOM-MP804 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP804 GOOD-ARK-MP804 Datasheet
97Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP804 CHENG-YI-MP804 Datasheet
125Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP804 FORMOSA-MP804 Datasheet
112Kb / 6P
Bridge Rectifier
logo
Monolithic Power System...
MP8040 MPS-MP8040 Datasheet
316Kb / 5P
Full Bridge or Single Ended Audio Amplifier
More results

Similar Description - MP8044

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
logo
IXYS Corporation
IX4R11 IXYS-IX4R11 Datasheet
616Kb / 6P
4A Half-Bridge Driver
logo
Monolithic Power System...
EV8042DF-00B MPS-EV8042DF-00B Datasheet
247Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
MP8042 MPS-MP8042 Datasheet
282Kb / 9P
High Current, Dual Channel Power Half-Bridge
logo
STMicroelectronics
STA506A STMICROELECTRONICS-STA506A_04 Datasheet
642Kb / 14P
45V 4A QUAD POWER HALF BRIDGE
Nov-2004
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
30V/4A Half Bridge Driver
logo
Monolithic Power System...
MP8046 MPS-MP8046 Datasheet
234Kb / 9P
28V, 5A Dual Channel Power Half-Bridge
MP8048 MPS-MP8048 Datasheet
302Kb / 10P
22V, 4A Quad Channel Power Half-Bridge
EV8046DF-00A MPS-EV8046DF-00A Datasheet
230Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8048DQK-00A MPS-EV8048DQK-00A Datasheet
338Kb / 8P
22V, 4A Quad Channel Power Half-Bridge Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com