Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8201 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8201
Description  Precision Adjustable Shunt Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8201 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8201 Datasheet HTML 1Page - Monolithic Power Systems MP8201 Datasheet HTML 2Page - Monolithic Power Systems MP8201 Datasheet HTML 3Page - Monolithic Power Systems MP8201 Datasheet HTML 4Page - Monolithic Power Systems MP8201 Datasheet HTML 5Page - Monolithic Power Systems MP8201 Datasheet HTML 6Page - Monolithic Power Systems MP8201 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MP8201 – LOW VOLTAGE, ADJUSTABLE SHUNT VOLTAGE REGULATOR
MP8201 Rev. 0.9
www.MonolithicPower.com
3
9/30/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
Vout = 1.2V, IIN = 100µA to 10mA, TA = +25°C, typicals are at 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Reference Voltage
(5)
VREF
159.2
160
160.8
mV
VOERR
–0.8
+0.8
mV
Initial Accuracy
–0.5
+0.5
%
0
°C to < +70°C
70
Temperature Coefficient A
Grade
TCVO
–40
°C to +85°C
85
ppm/
°C
Ratio of the change in VREF
changed to VOUT voltage
change
ΔVREF/ΔVOUT IIN = 0.1mA to 10mA
1
mV
Dynamic Output Impedance
(ΔVR/ΔIR)
IIN = 1mA ± 100µA
1
Ω
Minimum Operating Current
IIN
100
60
µA
Voltage Noise
f = 0.1Hz to 10Hz
4
µV p-p
Turn-On Settling Time
tR
Within 0.1% of Output
10
µs
Output Voltage Hysteresis
50
ppm
Note:
5) The forward diode voltage characteristic at –1mA is typically 0.65V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com