Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8201 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8201
Description  Precision Adjustable Shunt Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8201 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8201 Datasheet HTML 1Page - Monolithic Power Systems MP8201 Datasheet HTML 2Page - Monolithic Power Systems MP8201 Datasheet HTML 3Page - Monolithic Power Systems MP8201 Datasheet HTML 4Page - Monolithic Power Systems MP8201 Datasheet HTML 5Page - Monolithic Power Systems MP8201 Datasheet HTML 6Page - Monolithic Power Systems MP8201 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MP8201 – LOW VOLTAGE, ADJUSTABLE SHUNT VOLTAGE REGULATOR
MP8201 Rev. 0.9
www.MonolithicPower.com
4
9/30/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
I
IN=100uA to 10mA, TA=25ºC Unless otherwise noted.
VREF vs. Temperature
IIN=0.1mA, VOUT=2V
VOUT =1.2V Load Regulation
VOUT =2.5V Load Regulation
VOUT =3.3V Load Regulation
VOUT =1.8 V Load Regulation
160.0
160.8
161.6
162.4
163.2
164.0
-50
0
50
100
150
1.16
1.18
1.20
1.22
1.24
1.26
0
5
10
15
20
25
I
IN ( mA )
1.76
1.78
1.80
1.82
1.84
1.86
0
5
10
15
20
25
I
IN
( mA )
2.46
2.48
2.50
2.52
2.54
2.56
0
5
10
15
20
25
3.26
3.28
3.30
3.32
3.34
3.36
0
5
10
15
20
25
I
IN ( m A )
I
IN ( m A )
Turn On with Load Capacitor
IIN=1mA, IOUT=10mA, VOUT=1.8V COUT=4.7uF
Turn Off with Load Capacitor
IIN=1mA, IOUT=10mA, VOUT=1.8V COUT=4.7uF
VOUT
1V/div
VIN
5V/div
IOUT
10mA/div
VOUT
1V/div
VIN
5V/div
IOUT
10mA/div
4ms/div
40ms/div
Line Transient
VIN=3V to 10V, VOUT=1.8V, COUT=4.7uF
VOUT
50mV/div
VIN
5V/div
VOUT
20mV/div
IOUT
10mA/div
Load Transient
VOUT=1.8V, IOUT=10mA, COUT=4.7uF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com