Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8201 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8201
Description  Precision Adjustable Shunt Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8201 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8201 Datasheet HTML 1Page - Monolithic Power Systems MP8201 Datasheet HTML 2Page - Monolithic Power Systems MP8201 Datasheet HTML 3Page - Monolithic Power Systems MP8201 Datasheet HTML 4Page - Monolithic Power Systems MP8201 Datasheet HTML 5Page - Monolithic Power Systems MP8201 Datasheet HTML 6Page - Monolithic Power Systems MP8201 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MP8201
Precision Adjustable
Shunt Voltage Regulator
MP8201 Rev. 0.9
www.MonolithicPower.com
1
9/30/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8201 is a low voltage, precision,
adjustable shunt regulator. The MP8201 can
operate from 1.2V to 12V where the desired
value is set by external resistors. This wide
dynamic rang, gives the designers outstanding
flexibility in the development of power supplies
and instrumentation. The operating current of
60uA makes the part well suited for battery-
powered portable electronic applications. The
8201 regulates the output voltage from as low as
1.2V. The part has a sharp turn-on characteristic
and a dynamic resistance of less than 1Ω.
The MP8201 is offered in 3-pin SOT23 packages.
FEATURES
• Wide Input Voltage Range: 1.2V to 12V
• Operating Current From 60µA to 20mA
• SOT-23 Package
• Initial Accuracy: ±0.5%
• 1Ω Dynamic Output Resistance of
• Stable With No External Capacitor
• Temperature Range: –40°C to +85°C
APPLICATIONS
• Instrumentation
• Linear Regulators
• Notebook Computers
• Medical Electronics
• 3V/ 5V 8-12 Bit Data Converters
• Battery-Powered Equipment
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
R1
R2
V+
V-
VREF
1
3
2
U1
MP8201
VCC
RBIAS
VOUT


Similar Part No. - MP8201

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MP820 CADDOCK-MP820 Datasheet
215Kb / 2P
MP800 Series Kool-Pak짰 Power Film Resistors
MP820 CADDOCK-MP820 Datasheet
522Kb / 2P
TO-220 Style and TO-126 Style - Non-Inductive Designs
logo
Monolithic Power System...
MP8200 MPS-MP8200 Datasheet
218Kb / 7P
1.0V Precision Shunt Voltage Regulator
MP8200DT MPS-MP8200DT Datasheet
218Kb / 7P
1.0V Precision Shunt Voltage Regulator
logo
Infinite Electronics In...
MP8203-2 FAIRVIEW-MP8203-2 Datasheet
187Kb / 1P
SMA POWER DIVIDER 2-WAY 1-2 GHZ (38.1) FAIRVIEW MICROWAVE INC. 1.5 in
REV A
More results

Similar Description - MP8201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
Low-Voltage Adjustable Precision Shunt Regulator
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
Low Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
Low Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com