Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8352 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8352
Description  3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8352 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8352 Datasheet HTML 1Page - Monolithic Power Systems MP8352 Datasheet HTML 2Page - Monolithic Power Systems MP8352 Datasheet HTML 3Page - Monolithic Power Systems MP8352 Datasheet HTML 4Page - Monolithic Power Systems MP8352 Datasheet HTML 5Page - Monolithic Power Systems MP8352 Datasheet HTML 6Page - Monolithic Power Systems MP8352 Datasheet HTML 7Page - Monolithic Power Systems MP8352 Datasheet HTML 8Page - Monolithic Power Systems MP8352 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP8352 – 3V to 6V INPUT, 6A, 600KHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP8352 Rev. 1.0
www.MonolithicPower.com
5
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=6V, VCC=5V, VOUT=2.5V, TA = +25ºC, unless otherwise noted.
1ms/div
Enable Startup
No Load
400ns/div
400 s/div
1ms/div
1ms/div
SW
5V/div
VOUT
1V/div
Hiccup with Short Output
Short Recovery
Inductor
Current
5A/div
Inductor
Current
5A/div
VOUT
1V/div
SW
5V/div
VOUT
1V/div
VSW
5V/div
EN
5V/div
Inductor
Current
2A/div
Enable Startup
Full Load
VOUT
1V/div
VSW
5V/div
EN
5V/div
Inductor
Current
5A/div
1ms/div
Vcc Startup
No Load
VOUT
1V/div
VSW
5V/div
Vcc
5V/div
Inductor
Current
2A/div
Vcc Startup
Full Load
VOUT
1V/div
VSW
5V/div
Vcc
5V/div
Inductor
Current
5A/div
Input Ripple Voltage
Full Load
VIN
200mV/div
VSW
5V/div
Output Ripple Voltage
Full Load
VOUT
10mV/div
VSW
5V/div
Inductor
Current
5A/div
Load Transient Response
Load:3A-6A with slew rate:1A/us
VOUT
20mV/div
IO
2A/div
1 s/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com