Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8352 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8352
Description  3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8352 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8352 Datasheet HTML 4Page - Monolithic Power Systems MP8352 Datasheet HTML 5Page - Monolithic Power Systems MP8352 Datasheet HTML 6Page - Monolithic Power Systems MP8352 Datasheet HTML 7Page - Monolithic Power Systems MP8352 Datasheet HTML 8Page - Monolithic Power Systems MP8352 Datasheet HTML 9Page - Monolithic Power Systems MP8352 Datasheet HTML 10Page - Monolithic Power Systems MP8352 Datasheet HTML 11Page - Monolithic Power Systems MP8352 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP8352 – 3V to 6V INPUT, 6A, 600KHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP8352 Rev. 1.0
www.MonolithicPower.com
10
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, a small, high quality ceramic
capacitor, i.e. 0.1µF, should be placed as close
to the IC as possible. When using ceramic
capacitors, make sure that they have enough
capacitance to provide sufficient charge to
prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
=
∆
IN
OUT
IN
OUT
S
LOAD
IN
V
V
1
V
V
1
C
f
I
V
Selecting the Output Capacitor
The output capacitor (C2) is required to
maintain the DC output voltage. Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended.
Low
ESR
capacitors
are
preferred to keep the output voltage ripple low.
The output voltage ripple can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
∆
2
C
f
8
1
R
V
V
1
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
In the case of ceramic capacitors, the
impedance at the switching frequency is
dominated by the capacitance. The output
voltage ripple is mainly caused by the
capacitance. For simplification, the output
voltage ripple can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
×
=
IN
OUT
2
S
OUT
OUT
V
V
1
2
C
L
f
8
V
∆V
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated to:
ESR
IN
OUT
S
OUT
OUT
R
V
V
1
L
f
V
∆V
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP8352 can be optimized for a wide range of
capacitance and ESR values.
PCB Layout Guide
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance.
If change is necessary, please follow these
guidelines and take Figure 3 for references.
1) Keep the path of switching current short
and minimize the loop area formed by Input
cap, high-side MOSFET and low-side
MOSFET/schottky diode (as the red dotted
line loop shows).
2) Keep
the
connection
of
low-side
MOSFET/schottky diode between SW pin
and input power ground as short and wide
as possible.
3) Bypass ceramic capacitors are suggested
to be put close to the VIN and VCC Pin.
4) Ensure all feedback connections are short
and direct. Place the feedback resistors
and compensation components as close to
the chip as possible.
5) Route SW away from sensitive analog
areas such as FB.
6) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance
and long-term reliability.
BG
VCC
BST
SW
GND
FB
VOUT
N/C
VOUT
PGND
Single Point
Connection
External Blas Supply
SGND
L
PG
IN
IN
IN
CIN
COUT
SW
SW
EN/SYNC
Figure 3—PCB Layout Conceptual Drawing,
Only Top Layer Shown,
and a Ground Plane Is Assumed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com