Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8352 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8352
Description  3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8352 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8352 Datasheet HTML 1Page - Monolithic Power Systems MP8352 Datasheet HTML 2Page - Monolithic Power Systems MP8352 Datasheet HTML 3Page - Monolithic Power Systems MP8352 Datasheet HTML 4Page - Monolithic Power Systems MP8352 Datasheet HTML 5Page - Monolithic Power Systems MP8352 Datasheet HTML 6Page - Monolithic Power Systems MP8352 Datasheet HTML 7Page - Monolithic Power Systems MP8352 Datasheet HTML 8Page - Monolithic Power Systems MP8352 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP8352
3V-6V Input, 6A, 600kHz Step-Down Converter
with Synchronizable Gate Driver
MP8352 Rev. 1.0
www.MonolithicPower.com
1
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8352 is a monolithic step-down switch
mode converter with a built in internal power
MOSFET. It achieves 6A continuous output
current over a wide input supply range with
excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP8352 requires a minimum number of
readily available standard external components
and is available in a space saving 3mm x 4mm
14-pin QFN package.
FEATURES
• 3V to 6V Operating Input Range
• 6A Continuous Output Current
• 45mΩ Internal Power MOSFET Switch
• External Power Supply Vcc
• Power Good Indicator
• Synchronous Gate Driver Delivers up to
95% Efficiency
• Fixed 600KHz Frequency
• Synchronizable Up to 1.5MHz
• Cycle-by-Cycle Over Current Protection with
Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Stable with Low ESR Output Ceramic
Capacitors
• Available in a 3mm x 4mm 14-Pin QFN
Package
APPLICATIONS
•
Point of Load Regulator in Distributed
Power System
•
Digital Set Top Boxes
•
Personal Video Recorders
•
Broadband Communications
•
Flat Panel Television and Monitors
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8352
SW
BG
FB
BST
8, 9, 10
13
1
14
11
GND
IN
VCC
EN/SYNC
M2
VIN
PGOOD
External VCC
VCC
PG
4, 5, 6
12
3
2
OFF ON
L1
2.2uH
0
123
45
6
60
70
80
90
100
LOAD CURRENT(A)
Vin=3V
Vin=5V
Vin=6V
Efficiency vs.
Output Current


Similar Part No. - MP8352

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP8303-2 FAIRVIEW-MP8303-2 Datasheet
457Kb / 3P
2 Way Power Divider SMA Interface from 698 MHz to 2.7 GHz Rated at 10 Watts
REV 2.3
MP8305-2 FAIRVIEW-MP8305-2 Datasheet
625Kb / 3P
2 Way Power Divider SMA Connectors From 800 MHz to 2.4 GHz Rated at 20 Watts
REV 2.1B
MP8306-2 FAIRVIEW-MP8306-2 Datasheet
465Kb / 3P
2 Way Power Divider SMA Connectors From 698 MHz to 2.7 GHz Rated at 10 Watts
REV 2.0
MP8309-2 FAIRVIEW-MP8309-2 Datasheet
340Kb / 3P
2 Way Power Divider SMA Connectors From 500 MHz to 2 GHz Rated at 20 Watts
REV B
MP8309-4 FAIRVIEW-MP8309-4 Datasheet
571Kb / 3P
4 Way Power Divider SMA Connectors From 500 MHz to 2 GHz Rated at 30 Watts
REV 2.1A
More results

Similar Description - MP8352

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP8670 MPS-MP8670 Datasheet
494Kb / 15P
6A, 30V, 420KHz Step-Down Converter with Synchronizable Gate Driver
MP8675 MPS-MP8675 Datasheet
556Kb / 11P
6A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38891 MPS-MP38891 Datasheet
399Kb / 13P
6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38892 MPS-MP38892 Datasheet
368Kb / 10P
6A, 42V, 420KHz Step-Down Converter with Synchronizable Gate Driver
MP8768 MPS-MP8768 Datasheet
387Kb / 13P
8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com