Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8715 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8715
Description  100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8715 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8715 Datasheet HTML 2Page - Monolithic Power Systems MP8715 Datasheet HTML 3Page - Monolithic Power Systems MP8715 Datasheet HTML 4Page - Monolithic Power Systems MP8715 Datasheet HTML 5Page - Monolithic Power Systems MP8715 Datasheet HTML 6Page - Monolithic Power Systems MP8715 Datasheet HTML 7Page - Monolithic Power Systems MP8715 Datasheet HTML 8Page - Monolithic Power Systems MP8715 Datasheet HTML 9Page - Monolithic Power Systems MP8715 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MP8715 – 4A, 21V, 500kHz, STEP DOWN CONVERTER WITH 100% DUTY CYCLE OPERATION
MP8715 Rev. 1.01
www.MonolithicPower.com
6
6/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=12V, VOUT=1.2V, L=1.8μH, TA=+25°C, unless otherwise noted.
Load Regulation
INPUT VOLTAGE (V)
Enabled Supply Current vs.
Input Voltage
Peak Current vs.
Duty Cycle
Vcc Regulator Line Regulation
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Line Regulation
LOAD CURRENT (A)
Case Temperature Rise
VOUT=5V
INPUT VOLTAGE (V)
OUTPUT CURRENT (A)
0
5
10
15
20
25
0
5
10
15
20
25
Disabled Supply Current vs.
Input Voltage
630
635
640
645
650
655
660
665
670
675
680
VFB=1V
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
VEN=0V
3.5
4.0
4.5
5.0
5.5
0 2.5 5 7.5 10 12.5 15 17.5 20 22.5
5.5
6.0
6.5
7.0
7.5
8.0
10
20 30
40
50
60 70
80
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0
5
10
15
20
25
IOUT=4A
IOUT=2A
IOUT=0A
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0 0.5 1 1.5 2 2.5 3 3.5 4
VIN=21V
VIN=12V
VIN=5V
0
5
10
15
20
25
30
35
40
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com