Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8715 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8715
Description  100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8715 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8715 Datasheet HTML 9Page - Monolithic Power Systems MP8715 Datasheet HTML 10Page - Monolithic Power Systems MP8715 Datasheet HTML 11Page - Monolithic Power Systems MP8715 Datasheet HTML 12Page - Monolithic Power Systems MP8715 Datasheet HTML 13Page - Monolithic Power Systems MP8715 Datasheet HTML 14Page - Monolithic Power Systems MP8715 Datasheet HTML 15Page - Monolithic Power Systems MP8715 Datasheet HTML 16Page - Monolithic Power Systems MP8715 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP8715 – 4A, 21V, 500kHz, STEP DOWN CONVERTER WITH 100% DUTY CYCLE OPERATION
MP8715 Rev. 1.01
www.MonolithicPower.com
13
6/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see Typical Application on page
1). The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor (see Typical Application
on page 1). Choose R1 to be around 40.2kΩ for
optimal transient response. R2 is then given by:
OUT
FB
R1
R2
V
1
V
=
−
The T-type network is highly recommended when
Vo is low, as Figure 6 shows.
FB
Rt
R1
R2
R6
C1
VOUT
Figure 6— T-type Network
Table 1 lists the recommended T-type resistors
value for common output voltages.
Table 1—Resistor Selection for Common
Output Voltages
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
Rt
(kΩ)
R6
(kΩ)
C1
(pF)
L
(µH)
COUT
(µF)
1.05
4.99
16.5
47
0
15
1.8
22×2
1.2
4.99
10.2
47
0
15
1.8
22×2
1.5
4.99
5.76
47
0
15
2.2
22×2
1.8
4.99
4.02
33
0
15
2.2
22×2
2.5
40.2
19.1
10
0
27
3.3
22×2
3.3
40.2
13
4.99
0
33
3.3
22×2
5
40.2
7.68
3
0
47
4.7
22×2
Note:
The above feedback resistor table applies to a specific load
capacitor condition as shown in the table 1. Other capacitive loading
conditions will require different values.
Selecting the Inductor
A 1µH to 10µH inductor with a DC current rating
of at least 25% percent higher than the maximum
load
current
is
recommended
for
most
applications. For highest efficiency, the inductor
DC resistance should be less than 15mΩ. For
most designs, the inductance value can be
derived from the following equation.
OSC
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
×
Δ
×
−
×
=
Where ΔIL is the inductor ripple current.
Choose
inductor
ripple
current
to
be
approximately 30% if the maximum load current,
4A. The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Under light load conditions below 100mA, larger
inductance
is
recommended
for
improved
efficiency.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low
ESR capacitors for the best performance.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. For
most applications, a 22µF capacitor is sufficient.
Since the input capacitor (C1) absorbs the input
switching current it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated by:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C =
For simplification, choose the input capacitor
whose RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When electrolytic or tantalum
capacitors are used, a small, high quality ceramic
capacitor, i.e. 0.1μF, should be placed as close



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com