Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8715 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8715
Description  100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8715 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8715 Datasheet HTML 7Page - Monolithic Power Systems MP8715 Datasheet HTML 8Page - Monolithic Power Systems MP8715 Datasheet HTML 9Page - Monolithic Power Systems MP8715 Datasheet HTML 10Page - Monolithic Power Systems MP8715 Datasheet HTML 11Page - Monolithic Power Systems MP8715 Datasheet HTML 12Page - Monolithic Power Systems MP8715 Datasheet HTML 13Page - Monolithic Power Systems MP8715 Datasheet HTML 14Page - Monolithic Power Systems MP8715 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP8715 – 4A, 21V, 500kHz, STEP DOWN CONVERTER WITH 100% DUTY CYCLE OPERATION
MP8715 Rev. 1.01
www.MonolithicPower.com
11
6/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
internal clock rising edge synchronized to the
external clock rising edge.
Vin
EN/Sync
Vcc
Vout
CLK
5us
Foldback
500kHz
External CLK
0.625*Vout_set
2ms
1ms
VCC_Rising
Vout_set
Figure 4—Startup Sequence Using External
Sync Clock Signal
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented to
protect the chip from operating at insufficient
supply voltage. The MP8715 UVLO comparator
monitors the output voltage of the internal
regulator, VCC. The UVLO rising threshold is
about 4.0V while its falling threshold is a
consistent 3.1V.
Power OK Indicator
When the FB is below 0.85VFB, the POK pin will
be internally pulled low. When the FB is above
0.9VFB , the POK becomes an open-drain output.
If POK function is not used, it can be left open.
External Soft-Start
The soft-start is implemented to prevent the
converter output voltage from overshooting
during startup. When the chip starts, the internal
circuitry generates a soft-start voltage (SS)
ramping up from 0V to 3.5V. When it is lower
than the internal FB reference (REF), SS
overrides REF so the error amplifier uses SS as
the reference. When SS is higher than REF, REF
regains control. The SS time can be set by
external decoupled cap. The soft-start time can
be calculated as below:
SS
5
t(ms)
Vref(V) C (nF)
5A
=
×
μ
To reduce the susceptibility to noise, do not leave
SS pin open. Use a capacitor with small value if
you do not need soft function.
Over-Current-Protection and Hiccup
The MP8715 has cycle-by-cycle over current limit
when the inductor current peak value exceeds
the set current limit threshold. Meanwhile, output
voltage starts to drop until FB is below the Under-
Voltage (UV) threshold, typically 30% below the
reference. Once a UV is triggered, the MP8715
enters hiccup mode to periodically restart the part.
This protection mode is especially useful when
the output is dead-short to ground. The average
short circuit current is greatly reduced to alleviate
the thermal issue and to protect the regulator.
The MP8715 exits the hiccup mode once the
over current condition is removed.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip
from
operating
at
exceedingly
high
temperatures. When the silicon die temperature
is higher than 150
°C, it shuts down the whole
chip. When the temperature is lower than its
lower threshold, typically 130
°C, the chip is
enabled again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor. This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is 2.5V with a hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, D2, M3,
C4, L1 and C2 (Figure 5). If (VIN-VSW) is more
than 5V, U2 will regulate M3 to maintain a 5V
BST voltage across C4.
D2
Charge
Pump
Figure 5—Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com