Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # AFS600
Description  Terrestrial FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 4 Page - Microsemi Corporation

  AFS600 Datasheet HTML 1Page - Microsemi Corporation AFS600 Datasheet HTML 2Page - Microsemi Corporation AFS600 Datasheet HTML 3Page - Microsemi Corporation AFS600 Datasheet HTML 4Page - Microsemi Corporation AFS600 Datasheet HTML 5Page - Microsemi Corporation AFS600 Datasheet HTML 6Page - Microsemi Corporation AFS600 Datasheet HTML 7Page - Microsemi Corporation AFS600 Datasheet HTML 8Page - Microsemi Corporation AFS600 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4 www.microsemi.com/soc
SmartFusion
The customizable system-on-chip (cSoC) device
SmartFusion cSoCs are the only devices that integrate FPGA fabric, an ARM® Cortex™-M3 processor and programmable analog, offering full customization, IP
protection and ease-of-use. Based on Microsemi’s proprietary flash process, SmartFusion cSoCs are ideal for hardware and embedded designers who need a true
system-on-chip that gives more flexibility than traditional fixed-function microcontrollers without the excessive cost of soft processor cores on traditional FPGAs.
• Availableincommercial,industrial
and military* grades
• Hard100MHz32-bitARM
Cortex-M3 CPU
• Multi-layerAHBcommunications
matrixwithupto16Gbpsthroughput
• 10/100EthernetMAC
• Twoperipheralsofeachtype:
SPI,I2C,UART,and32-bittimers
• Upto512KBflashand
64KBSRAM
• Externalmemorycontroller(EMC)
• 8-channelDMAcontroller
• Integratedanalog-to-digital
converters (ADCs) and digital-
to-analog converters (DACs)
with1percentaccuracy
• On-chipvoltage,currentand
temperature monitors
• Uptoten15nshigh-speed
comparators
• Analogcomputeengine(ACE)
offloadsCPUfromanalog
processing
• Upto35analogI/Osand
169digitalGPIOs
* Under development
SmartFusion Devices
Notes:
1. Not available on A2F500 for the PQ208 package.
2. Two PLLs are available in CS288 and FG484 (one PLL in FG256 and PQ208).
3. These functions share I/O pins and may not all be available at the same time.
4. Available on FG484 only. PQ208, FG256, and CS288 packages offer the same programmable analog capabilities as A2F200.
Notes:
1. These pins are shared between direct analog inputs to the ADCs and voltage/current/temperature monitors.
2. 16 MSS I/Os are multiplexed and can be used as FPGA I/Os, if not needed for the MSS. These I/Os support Schmitt triggers and support only LVTTL and LVCMOS (1.5 / 1.8 / 2.5, 3.3 V) standards.
3. 9 MSS I/Os are primarily for 10/00 Ethernet MAC and are also multiplexed and can be used as FPGA I/Os if Ethernet MAC is not used in a design. These I/Os support Schmitt triggers and support only LVTTL and LVCMOS
(1.5 / 1.8 / 2.5, 3.3 V) standards.
4. 10/100 Ethernet MAC is not available on A2F060.
5. EMC is not available on the A2F500 PQ208 package.
Package I/Os: MSS + FPGA I/Os
SmartFusion Devices
A2F060
A2F200
A2F500
FPGA Fabric
System Gates
60,000
200,000
500,000
Tiles (D-flip-flops)
1,536
4,608
11,520
RAM Blocks (4,608 bits)
8
8
24
Microcontroller
Subsystem (MSS)
Flash (Kbytes)
128
256
512
SRAM (Kbytes)
16
64
64
Cortex-M3 with
Memory Protection Unit (MPU)
Yes
Yes
Yes
10/100 Ethernet MAC
No
Yes
Yes
External Memory Controller (EMC)
24-bit address, 16-bit data
24-bit address, 16-bit data
24-bit address, 16-bit data1
DMA
8 Ch
8 Ch
8 Ch
I2C
2
2
2
SPI
2
2
2
16550 UART
2
2
2
32-Bit Timer
2
2
2
PLL
1
1
22
32 KHz Low Power Oscillator
1
1
1
100 MHz On-Chip RC Oscillator
1
1
1
Main Oscillator (32 KHz to 20 MHz)
1
1
1
Programmable
Analog
ADCs (8-/10-/12-bit SAR)
1
2
34
DACs (12-bit sigma-delta)
1
2
34
Signal Conditioning Blocks (SCBs)
1
4
54
Comparators3
2
8
104
Current Monitors3
1
4
54
Temperature Monitors3
1
4
54
Bipolar High Voltage Monitors3
2
8
104
Device
A2F060
A2F200
A2F500
TQ144
CS288
FG256
PQ208
CS288
FG256
FG484
PQ208
CS288
FG256
FG484
Direct Analog Input
11
11
11
8
8
8
8
8
8
8
12
Shared Analog Input1
4
4
4
16
16
16
16
16
16
16
20
Total Analog Input
15
15
15
24
24
24
24
24
24
24
32
Total Analog Output
1
1
1
1
2
2
2
1
2
2
3
MSS I/Os2,3
214
284
264
22
31
25
41
22
31
25
41
FPGA I/Os
33
68
66
66
78
66
94
665
78
66
128
Total I/Os
70
112
108
113
135
117
161
113
135
117
204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com