Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # AFS600
Description  Terrestrial FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 5Page - Microsemi Corporation AFS600 Datasheet HTML 6Page - Microsemi Corporation AFS600 Datasheet HTML 7Page - Microsemi Corporation AFS600 Datasheet HTML 8Page - Microsemi Corporation AFS600 Datasheet HTML 9Page - Microsemi Corporation AFS600 Datasheet HTML 10Page - Microsemi Corporation AFS600 Datasheet HTML 11Page - Microsemi Corporation AFS600 Datasheet HTML 12Page - Microsemi Corporation AFS600 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
www.microsemi.com/soc
IGLOO PLUS
IGLOO PLUS Devices
I/Os Per Package
IGLOO PLUS Devices
AGLP030
AGLP060
AGLP125
System Gates
30,000
60,000
125,000
Typical Equivalent Macrocells
256
512
1,024
VersaTiles(D-flip-flops)
792
1,584
3,120
Flash*FreezeMode(typical,µW)
5
10
16
RAM(1,024bits)
—
18
36
4,608-BitBlocks
—
4
8
FlashROMKbits(1,024bits)
1
1
1
AES-Protected ISP
—
Yes
Yes
Integrated PLL in CCCs1
—
1
1
VersaNetGlobals2
6
18
18
I/OBanks
4
4
4
Maximum User I/Os
(packaged device)
120
157
212
Package Pins
CS
VQ
CS201, CS289
VQ128
CS201, CS289
VQ176
CS281, CS289
IGLOO PLUS Devices
AGLP030
AGLP060
AGLP125
I/O Type
Single-Ended I/O
Single-Ended I/O
Single-Ended I/O
CS201
120
157
—
CS281
—
—
212
CS289
120
157
212
VQ128
101
—
—
VQ176
—
137
—
The low power FPGA with enhanced I/O capabilities
IGLOO PLUS products deliver unrivaled low power and I/O features in a feature-rich programmable device, offering up to 64 percent more I/Os than the
award-winning IGLOO products and supporting independent Schmitt trigger inputs, hot-swapping and Flash*Freeze bus hold. Ranging from 30,000 to
125,000 gates, the 1.2 V to 1.5 V IGLOO PLUS devices have been optimized to meet the needs of I/O-intensive, power-conscious applications that require
exceptional features.
• I/O-optimizedFPGA
• UltralowpowerinFlash*Freeze
mode,aslowas5µW
• Lowpoweractivecapability
• Smallfootprintand
low-cost packages
• Reprogrammable
flashtechnology
• 1.2Vto1.5Vsingle
voltage operation
• EnhancedI/Ofeatures
• CCCsandPLLs
• EmbeddedSRAMNVM
• AES-protectedISP
 Notes:
1. AGLP060 in CS201 does not support the PLL.
2. Six chip (main) and twelve quadrant global networks are available for AGLP060 and AGLP125.
 Note:
* When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not used as a regular I/O, the number of single-ended user I/Os available is reduced by one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com