Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 19 Page - Microsemi Corporation

Part # AFS600
Description  Terrestrial FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 15Page - Microsemi Corporation AFS600 Datasheet HTML 16Page - Microsemi Corporation AFS600 Datasheet HTML 17Page - Microsemi Corporation AFS600 Datasheet HTML 18Page - Microsemi Corporation AFS600 Datasheet HTML 19Page - Microsemi Corporation AFS600 Datasheet HTML 20Page - Microsemi Corporation AFS600 Datasheet HTML 21Page - Microsemi Corporation AFS600 Datasheet HTML 22Page - Microsemi Corporation AFS600 Datasheet HTML 23Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
20 www.microsemi.com/soc
• Single-chipASICalternative
• 3,000to54,000systemgates
• Upto2.5kbitsconfigurable
dual-portSRAM
• Fastwide-decodecircuitry
• Upto202user-programmable
I/O pins
• Highperformance
mixed-voltage solution
• PCIcompliant
• Containsembeddeddual-port
SRAMmodules
• QMLcertification
• Ceramicdevicesavailable
to DSCC SM
MX
MX Devices
I/Os Per Package
MX Devices
A40MX02
A40MX04
A42MX09
A42MX16
A42MX24
A42MX36
PL
44, 68
44, 68, 84
84
84
84
PQ
100
100
100, 160
100, 160, 208
160, 208
208, 240
VQ
80
80
100
100
TQ
176
176
176
CQ
208, 256
BG
272
Theprice/performanceleaderat5.0V
Featuring very low power consumption and the industry’s highest design security, MX FPGAs offer designers a reliable, single-chip ASIC alternative. MX devices
provide high performance while shortening the system design and development cycle. Offering an efficient, flexible 5.0 V architecture, MX is an ideal high-volume
platform for integrating your legacy PLDs into a single device. Example applications include high-speed controllers and address decoding, peripheral bus
interfaces, DSP, and coprocessor functions.
MX Devices
A40MX02
A40MX04
A42MX09
A42MX16
A42MX24
A42MX36
System Gates
3,000
6,000
14,000
24,000
36,000
54,000
SRAMBits
—
—
—
—
—
2,560
Sequential
—
—
348
624
954
1,230
Combinatorial
295
547
336
608
912
1,184
Decode
—
—
—
—
24
24
Clock-to-Out
9.5 ns
9.5 ns
5.6 ns
6.1 ns
6.1 ns
6.3 ns
SRAMModules
(64x4or32x8)
—
—
—
—
—
10
Dedicated Flip-Flops
—
—
348
624
954
1,230
Clocks
1
1
2
2
2
6
Maximum Flip-Flops
147
273
516
928
1,410
1,822
User I/Os (maximum)
57
69
104
140
176
202
PCI
—
—
—
—
Yes
Yes
BoundaryScanTest(BST)
—
—
—
—
Yes
Yes
Speed Grades
–F, Std., –1, –2, –3
–F, Std., –1, –2, –3
–F, Std., –1, –2, –3
–F, Std., –1, –2, –3
–F, Std., –1, –2, –3
–F, Std., –1, –2, –3
Temperature Grades
C, I, M, A
C, I, M, A
C, I, M, A
C, I, M, A
C, I, M, A
C, I, M, A, B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com