Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 24 Page - Microsemi Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP060 Datasheet(HTML) 24 Page - Microsemi Corporation

Back Button AGLP060 Datasheet HTML 20Page - Microsemi Corporation AGLP060 Datasheet HTML 21Page - Microsemi Corporation AGLP060 Datasheet HTML 22Page - Microsemi Corporation AGLP060 Datasheet HTML 23Page - Microsemi Corporation AGLP060 Datasheet HTML 24Page - Microsemi Corporation AGLP060 Datasheet HTML 25Page - Microsemi Corporation AGLP060 Datasheet HTML 26Page - Microsemi Corporation AGLP060 Datasheet HTML 27Page - Microsemi Corporation AGLP060 Datasheet HTML 28Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 134 page
background image
IGLOO PLUS DC and Switching Characteristics
2-10
Revision 16
Power Consumption of Various Internal Resources
Table 2-15 • Different Components Contributing to Dynamic Power Consumption in IGLOO PLUS Devices
For IGLOO PLUS V2 or V5 Devices, 1.5 V Core Supply Voltage
Parameter
Definition
Device Specific Dynamic Power
(µW/MHz)
AGLP125 AGLP060
AGLP030
PAC1
Clock contribution of a Global Rib
4.489
2.696
0.0001
PAC2
Clock contribution of a Global Spine
1.991
1.962
3.499
PAC3
Clock contribution of a VersaTile row
1.510
1.523
1.537
PAC4
Clock contribution of a VersaTile used as a sequential module
0.153
0.151
0.151
PAC5
First contribution of a VersaTile used as a sequential module
0.029
0.029
0.029
PAC6
Second contribution of a VersaTile used as a sequential module
0.323
0.323
0.323
PAC7
Contribution of a VersaTile used as a combinatorial module
0.280
0.300
0.278
PAC8
Average contribution of a routing net
1.097
1.081
1.130
PAC9
Contribution of an I/O input pin (standard-dependent)
See Table 2-13 on page 2-9.
PAC10
Contribution of an I/O output pin (standard-dependent)
See Table 2-14 on page 2-9.
PAC11
Average contribution of a RAM block during a read operation
25.00
PAC12
Average contribution of a RAM block during a write operation
30.00
PAC13
Dynamic contribution for PLL
2.70
Note: 1. There is no Center Global Rib present in AGLP030, and thus it starts directly at the spine resulting in
0µW/MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com