Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 37 Page - Microsemi Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP060 Datasheet(HTML) 37 Page - Microsemi Corporation

Back Button AGLP060 Datasheet HTML 33Page - Microsemi Corporation AGLP060 Datasheet HTML 34Page - Microsemi Corporation AGLP060 Datasheet HTML 35Page - Microsemi Corporation AGLP060 Datasheet HTML 36Page - Microsemi Corporation AGLP060 Datasheet HTML 37Page - Microsemi Corporation AGLP060 Datasheet HTML 38Page - Microsemi Corporation AGLP060 Datasheet HTML 39Page - Microsemi Corporation AGLP060 Datasheet HTML 40Page - Microsemi Corporation AGLP060 Datasheet HTML 41Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 134 page
background image
IGLOO PLUS Low Power Flash FPGAs
Revision 16
2-23
Table 2-26 • Summary of I/O Timing Characteristics—Software Default Settings, STD Speed Grade
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
3.3 V LVTTL /
3.3 V LVCMOS
12 mA 12 mA High 5 pF
– 0.98 2.31 0.19 0.99 1.37 0.67 2.34 1.86 2.65 3.38 ns
3.3 V LVCMOS
Wide Range2
100 µA 12 mA High 5 pF
– 0.98 3.21 0.19 1.32 1.92 0.67 3.21 2.52 3.73 4.73 ns
2.5 V LVCMOS
12 mA 12 mA High 5 pF
– 0.98 2.29 0.19 1.19 1.40 0.67 2.32 1.94 2.65 3.27 ns
1.8 V LVCMOS
8 mA 8 mA High 5 pF
– 0.98 2.45 0.19 1.12 1.61 0.67 2.48 2.16 2.71 3.16 ns
1.5 V LVCMOS
4 mA 4 mA High 5 pF
– 0.98 2.71 0.19 1.26 1.80 0.67 2.75 2.39 2.78 3.15 ns
1.2 V LVCMOS
2 mA 2 mA High 5 pF
– 0.98 3.380.191.572.340.673.262.782.99 3.24 ns
1.2 V LVCMOS
Wide Range3
100 µA 2 mA High 5 pF – 0.98 3.38 0.19 1.57 2.34 0.67 3.26 2.78 2.99 3.24 ns
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD-8B specification.
3. All LVCMOS 1.2 V software macros support LVCMOS 1.2 V wide range as specified in the JESD8-12 specification.
4. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com