Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 49 Page - Microsemi Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP060 Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button AGLP060 Datasheet HTML 45Page - Microsemi Corporation AGLP060 Datasheet HTML 46Page - Microsemi Corporation AGLP060 Datasheet HTML 47Page - Microsemi Corporation AGLP060 Datasheet HTML 48Page - Microsemi Corporation AGLP060 Datasheet HTML 49Page - Microsemi Corporation AGLP060 Datasheet HTML 50Page - Microsemi Corporation AGLP060 Datasheet HTML 51Page - Microsemi Corporation AGLP060 Datasheet HTML 52Page - Microsemi Corporation AGLP060 Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
IGLOO PLUS Low Power Flash FPGAs
Revision 16
2-35
Timing Characteristics
Applies to 1.5 V DC Core Voltage
Applies to 1.2 V DC Core Voltage
Table 2-54 • 1.8 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
STD
0.97
5.89 0.18 1.00
1.43
0.66
6.01 5.43 1.78 1.30
ns
4 mA
STD
0.97
4.82 0.18 1.00
1.43
0.66
4.92 4.56 2.08 2.08
ns
6 mA
STD
0.97
4.13 0.18 1.00
1.43
0.66
4.21 3.96 2.30 2.46
ns
8 mA
STD
0.97
4.13 0.18 1.00
1.43
0.66
4.21 3.96 2.30 2.46
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-55 • 1.8 V LVCMOS High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
STD
0.97
2.82 0.18 1.00
1.43
0.66
2.88 2.78 1.78 1.35
ns
4 mA
STD
0.97
2.30 0.18 1.00
1.43
0.66
2.35 2.11 2.08 2.15
ns
6 mA
STD
0.97
2.00 0.18 1.00
1.43
0.66
2.04 1.76 2.29 2.55
ns
8 mA
STD
0.97
2.00 0.18 1.00
1.43
0.66
2.04 1.76 2.29 2.55
ns
Notes:
1. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
2. Software default selection highlighted in gray.
Table 2-56 • 1.8 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
STD
0.98
6.43 0.19 1.12
1.61
0.67
6.54 5.93 2.19 1.88
ns
4 mA
STD
0.98
5.33 0.19 1.12
1.61
0.67
5.41 5.03 2.50 2.68
ns
6 mA
STD
0.98
4.61 0.19 1.12
1.61
0.67
4.69 4.41 2.72 3.07
ns
8 mA
STD
0.98
4.61 0.19 1.12
1.61
0.67
4.69 4.41 2.72 3.07
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-57 • 1.8 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
STD
0.98
3.30 0.19 1.12
1.61
0.67
3.34 3.21 2.19 1.93
ns
4 mA
STD
0.98
2.76 0.19 1.12
1.61
0.67
2.79 2.51 2.50 2.76
ns
6 mA
STD
0.98
2.45 0.19 1.12
1.61
0.67
2.48 2.16 2.71 3.16
ns
8 mA
STD
0.98
2.45 0.19 1.12
1.61
0.67
2.48 2.16 2.71 3.16
ns
Notes:
1. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
2. Software default selection highlighted in gray.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com