Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 106 Page - Microsemi Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP060 Datasheet(HTML) 106 Page - Microsemi Corporation

Back Button AGLP060 Datasheet HTML 102Page - Microsemi Corporation AGLP060 Datasheet HTML 103Page - Microsemi Corporation AGLP060 Datasheet HTML 104Page - Microsemi Corporation AGLP060 Datasheet HTML 105Page - Microsemi Corporation AGLP060 Datasheet HTML 106Page - Microsemi Corporation AGLP060 Datasheet HTML 107Page - Microsemi Corporation AGLP060 Datasheet HTML 108Page - Microsemi Corporation AGLP060 Datasheet HTML 109Page - Microsemi Corporation AGLP060 Datasheet HTML 110Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 134 page
background image
Package Pin Assignments
4-6
Revision 16
105
IO62RSB1
106
IO61RSB1
107
GCC2/IO60RSB1
108
GCB2/IO59RSB1
109
GCA2/IO58RSB1
110
GCA0/IO57RSB1
111
GCA1/IO56RSB1
112
VCCIB1
113
GND
114
GCB0/IO55RSB1
115
GCB1/IO54RSB1
116
GCC0/IO53RSB1
117
GCC1/IO52RSB1
118
IO51RSB1
119
IO50RSB1
120
VCC
121
IO48RSB1
122
IO47RSB1
123
IO45RSB1
124
IO44RSB1
125
IO43RSB1
126
VCCIB1
127
GND
128
GBC2/IO40RSB1
129
IO39RSB1
130
GBB2/IO38RSB1
131
IO37RSB1
132
GBA2/IO36RSB1
133
GBA1/IO35RSB0
134
NC
135
GBA0/IO34RSB0
136
NC
137
GBB1/IO33RSB0
138
NC
139
GBC1/IO31RSB0
VQ176
Pin Number
AGLP060
Function
140
GBB0/IO32RSB0
141
GBC0/IO30RSB0
142
IO29RSB0
143
IO28RSB0
144
IO27RSB0
145
VCCIB0
146
GND
147
IO26RSB0
148
IO25RSB0
149
IO24RSB0
150
IO23RSB0
151
IO22RSB0
152
IO21RSB0
153
IO20RSB0
154
IO19RSB0
155
IO18RSB0
156
VCC
157
IO17RSB0
158
IO16RSB0
159
IO15RSB0
160
IO14RSB0
161
IO13RSB0
162
IO12RSB0
163
IO11RSB0
164
IO10RSB0
165
IO09RSB0
166
VCCIB0
167
GND
168
IO07RSB0
169
IO08RSB0
170
GAC1/IO05RSB0
171
IO06RSB0
172
GAB1/IO03RSB0
173
GAC0/IO04RSB0
174
GAB0/IO02RSB0
VQ176
Pin Number
AGLP060
Function
175
GAA1/IO01RSB0
176
GAA0/IO00RSB0
VQ176
Pin Number
AGLP060
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com