Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT47N60SC3 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT47N60SC3
Description  Super Junction MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT47N60SC3 Datasheet(HTML) 3 Page - Microsemi Corporation

  APT47N60SC3 Datasheet HTML 1Page - Microsemi Corporation APT47N60SC3 Datasheet HTML 2Page - Microsemi Corporation APT47N60SC3 Datasheet HTML 3Page - Microsemi Corporation APT47N60SC3 Datasheet HTML 4Page - Microsemi Corporation APT47N60SC3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Performance Curves
APT47N60BC3_SC3(G)
4.5V
5V
5.5V
4V
V
GS =15 & 10V
V
GS=10V
V
GS=20V
T
J = +125°C
T
J = +25°C
T
J = -55°C
V
DS> ID (ON) x RDS (ON)MAX.
250μSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, LOW VOLTAGE OUTPUT CHARACTERISTICS
V
GS, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D, DRAIN CURRENT (AMPERES)
FIGURE 3, TRANSFER CHARACTERISTICS
FIGURE 4, R
DS(ON) vs DRAIN CURRENT
T
C, CASE TEMPERATURE (°C)
T
J, JUNCTION TEMPERATURE (°C)
FIGURE 5, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 6, BREAKDOWN VOLTAGE vs TEMPERATURE
T
J, JUNCTION TEMPERATURE (°C)
T
C, CASE TEMPERATURE (°C)
FIGURE 7, ON-RESISTANCE vs. TEMPERATURE
FIGURE 8, THRESHOLD VOLTAGE vs TEMPERATURE
6V
6.5V
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
0
10
20
30
40
50
60
70
80
90
25
50
75
100
125
150
-50 -25
0
25
50
75
100 125 150
-50
-25
0
25
50
75 100 125 150
-50
-25
0
25
50
75 100 125 150
NORMALIZED TO
V
GS = 10V @ 23.5A
180
160
140
120
100
80
60
40
20
0
120
100
80
60
40
20
0
50
40
30
20
10
0
3
2.5
2.0
1.5
1.0
0.5
0
1.40
1.30
1.20
1.10
1.00
0.90
0.80
1.15
1.10
1.05
1.00
0.95
0.90
1.2
1.1
1.0
0.9
0.8
0.7
0.6
I
D = 47A
V
GS = 10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com