Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT47N60SC3 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT47N60SC3
Description  Super Junction MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT47N60SC3 Datasheet(HTML) 4 Page - Microsemi Corporation

  APT47N60SC3 Datasheet HTML 1Page - Microsemi Corporation APT47N60SC3 Datasheet HTML 2Page - Microsemi Corporation APT47N60SC3 Datasheet HTML 3Page - Microsemi Corporation APT47N60SC3 Datasheet HTML 4Page - Microsemi Corporation APT47N60SC3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT47N60BC3_SC3(G)
Typical Performance Curves
C
rss
C
iss
C
oss
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 9, MAXIMUM SAFE OPERATING AREA
FIGURE 10, CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Q
g, TOTAL GATE CHARGE (nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 11, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 12, SOURCE-DRAIN DIODE FORWARD VOLTAGE
1
10
100
600
0
10
20
30
40
50
0
50
100 150 200 250 300 350 400
0.3
0.5
0.7
0.9
1.1
1.3
1.5
188
100
50
10
5
1
16
12
8
4
0
T
C =+25°C
T
J =+150°C
SINGLE PULSE
10mS
1mS
100μS
T
J =+150°C
T
J =+25°C
I
D (A)
I
D (A)
FIGURE 13, DELAY TIMES vs CURRENT
FIGURE 14, RISE AND FALL TIMES vs CURRENT
I
D (A)
R
G, GATE RESISTANCE (Ohms)
FIGURE 15, SWITCHING ENERGY vs CURRENT
FIGURE 16, SWITCHING ENERGY VS. GATE RESISTANCE
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100μH
E
on
E
off
t
r
t
f
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
0
5
10 15 20 25 30 35 40 45 50
V
DD = 400V
I
D = 47A
T
J = 125°C
L = 100μH
E
ON includes
diode reverse recovery.
V
DS= 300V
V
DS= 120V
V
DS= 480V
I
D = 47A
t
d(on)
t
d(off)
E
on
E
off
350
300
250
200
150
100
50
0
2500
2000
1500
1000
500
0
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100μH
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100μH
E
ON includes
diode reverse recovery.
30,000
10,000
1,000
100
10
200
100
10
1
OPERATION HERE
LIMITED BY R
DS
(ON)
120
100
80
60
40
20
0
4500
4000
3500
3000
2500
2000
1500
1000
500
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com