Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT47N60SC3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT47N60SC3
Description  Super Junction MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT47N60SC3 Datasheet(HTML) 1 Page - Microsemi Corporation

  APT47N60SC3 Datasheet HTML 1Page - Microsemi Corporation APT47N60SC3 Datasheet HTML 2Page - Microsemi Corporation APT47N60SC3 Datasheet HTML 3Page - Microsemi Corporation APT47N60SC3 Datasheet HTML 4Page - Microsemi Corporation APT47N60SC3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APT47N60BC3(G)
APT47N60SC3(G)
600V 47A 0.070Ω
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
R
DS(on)
I
DSS
I
GSS
V
GS(th)
UNIT
Volts
Ohms
μA
nA
Volts
MIN
TYP
MAX
600
0.06
0.07
0.5
25
250
±100
2.10
3
3.9
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250μA)
Drain-Source On-State Resistance 2 (V
GS = 10V, ID = 30A)
Zero Gate Voltage Drain Current (V
DS = 600V, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 600V, VGS = 0V, TJ = 150°C)
Gate-Source Leakage Current (V
GS = ±20V, VDS = 0V)
Gate Threshold Voltage (V
DS = VGS, ID = 2.7mA)
Symbol
V
DSS
I
D
I
DM
V
GS
V
GSM
P
D
T
J,TSTG
T
L
dv/
dt
I
AR
E
AR
E
AS
Parameter
Drain-Source Voltage
Continuous Drain Current @ T
C = 25°C
Pulsed Drain Current 1
Gate-Source Voltage Continuous
Gate-Source Voltage Transient
Total Power Dissipation @ T
C = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Drain-Source Voltage slope (V
DS = 480V, ID = 47A, TJ = 125°C)
Repetitive Avalanche Current 7
Repetitive Avalanche Energy 7
Single Pulse Avalanche Energy 4
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
V/ns
Amps
mJ
APT47N60BC3_SC3(G)
600
47
141
±20
±30
417
3.33
-55 to 150
260
50
20
1
1800
TO-247
D3PAK
Super Junction MOSFET
• Ultra Low R
DS(ON)
• Low Miller Capacitance
• Ultra Low Gate Charge, Qg
• Avalanche Energy Rated
• Extreme dv/dt Rated
• Popular TO-247 or Surface Mount D3 package.
• RoHS Compliant
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
"COOLMOS™ comprise a new family of transistors developed by Infineon Technologies AG. "COOLMOS" is a trade-
mark of Infineon Technologies AG."
Microsemi Website - http://www.microsemi.com
G
D
S


Similar Part No. - APT47N60SC3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT47N60SC3 ADPOW-APT47N60SC3 Datasheet
173Kb / 5P
Super Junction MOSFET
More results

Similar Description - APT47N60SC3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT11N80BC3 ADPOW-APT11N80BC3 Datasheet
162Kb / 5P
Super Junction MOSFET
APT20N60BC3 ADPOW-APT20N60BC3 Datasheet
200Kb / 5P
Super Junction MOSFET
APT31N80JC3 ADPOW-APT31N80JC3 Datasheet
178Kb / 5P
Super Junction MOSFET
APT60N60BCS ADPOW-APT60N60BCS Datasheet
401Kb / 5P
Super Junction MOSFET
logo
Microsemi Corporation
APT34N80B2C3 MICROSEMI-APT34N80B2C3 Datasheet
256Kb / 5P
Super Junction MOSFET
APT94N60L2C3 MICROSEMI-APT94N60L2C3 Datasheet
249Kb / 5P
Super Junction MOSFET
APT47N65BC3 MICROSEMI-APT47N65BC3 Datasheet
184Kb / 5P
Super Junction MOSFET
logo
Wuxi NCE Power Semicond...
NCE11N65 NCEPOWER-NCE11N65 Datasheet
614Kb / 9P
Super Junction MOSFET
logo
Microsemi Corporation
APT60N60BCS MICROSEMI-APT60N60BCS Datasheet
224Kb / 5P
Super Junction MOSFET
APT47N65SC3 MICROSEMI-APT47N65SC3 Datasheet
493Kb / 6P
Super Junction MOSFET
Rev C 6-2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com