Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX500 Datasheet(PDF) 23 Page - Microsemi Corporation

Part # AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Datasheet(HTML) 23 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 19Page - Microsemi Corporation AX500 Datasheet HTML 20Page - Microsemi Corporation AX500 Datasheet HTML 21Page - Microsemi Corporation AX500 Datasheet HTML 22Page - Microsemi Corporation AX500 Datasheet HTML 23Page - Microsemi Corporation AX500 Datasheet HTML 24Page - Microsemi Corporation AX500 Datasheet HTML 25Page - Microsemi Corporation AX500 Datasheet HTML 26Page - Microsemi Corporation AX500 Datasheet HTML 27Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2-9
I/O Specifications
Pin Descriptions
Supply Pins
GND
Ground
Low supply voltage.
VCCA
Supply Voltage
Supply voltage for array (1.5V). See "Operating Conditions" on page 2-1 for more information.
VCCIBx
Supply Voltage
Supply voltage for I/Os. Bx is the I/O Bank ID – 0 to 7. See "Operating Conditions" on page 2-1 for more
information.
VCCDA
Supply Voltage
Supply voltage for the I/O differential amplifier and JTAG and probe interfaces. See "Operating
Conditions" on page 2-1 for more information. VCCDA should be tied to 3.3V.
VCCPLA/B/C/D/E/F/G/H
Supply Voltage
PLL analog power supply (1.5V) for internal PLL. There are eight in each device. VCCPLA supports the
PLL associated with global resource HCLKA, VCCPLB supports the PLL associated with global resource
HCLKB, etc. The PLL analog power supply pins should be connected to 1.5V whether PLL is used or not.
VCOMPLA/B/C/D/E/F/G/H Supply Voltage
Compensation reference signals for internal PLL. There are eight in each device. VCOMPLA supports
the PLL associated with global resource HCLKA, VCOMPLE supports the PLL associated with global
resource CLKE, etc. (see Figure 2-2 on page 2-9 for correct external connection to the supply). The
VCOMPLX pins should be left floating if PLL is not used.
VPUMP
Supply Voltage (External Pump)
In the low power mode, VPUMP will be used to access an external charge pump (if the user desires to
bypass the internal charge pump to further reduce power). The device starts using the external charge
pump when the voltage level on VPUMP reaches VIH1. In normal device operation, when using the
internal charge pump, VPUMP should be tied to GND.
1.
When VPUMP = VIH, it shuts off the internal charge pump. See "Low Power Mode" on page 2-106.
Figure 2-2 •
VCCPLX and VCOMPLX Power Supply Connect
1.5 V Supply
Axcelerator Chip
0.1 μf
10 μf
250
Ω
VCCPLX
VCOMPLX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com