Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX500 Datasheet(PDF) 33 Page - Microsemi Corporation

Part # AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Datasheet(HTML) 33 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 29Page - Microsemi Corporation AX500 Datasheet HTML 30Page - Microsemi Corporation AX500 Datasheet HTML 31Page - Microsemi Corporation AX500 Datasheet HTML 32Page - Microsemi Corporation AX500 Datasheet HTML 33Page - Microsemi Corporation AX500 Datasheet HTML 34Page - Microsemi Corporation AX500 Datasheet HTML 35Page - Microsemi Corporation AX500 Datasheet HTML 36Page - Microsemi Corporation AX500 Datasheet HTML 37Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 19
Table 2-15, Table 2-16, and Table 2-17 list all the available macro names differentiated by I/O standard,
type, slew rate, and drive strength.
Table 2-15 • Macros for Single-Ended I/O Standards
Standard
VCCI
Macro Names
LVTTL
3.3 V
CLKBUF, HCLKBUF INBUF, OUTBUF,
OUTBUF_S_8, OUTBUF_S_12, OUTBUF_S_16, OUTBUF_S_24,
OUTBUF_H_8, OUTBUF_H_12, OUTBUF_H_16, OUTBUF_H_24,
TRIBUF, TRIBUF_S_8, TRIBUF_S_12, TRIBUF_S_16, TRIBUF_S_24,
TRIBUF_H_8, TRIBUF_H_12, TRIBUF_H_16, TRIBUF_H_24,
BIBUF, BIBUF_S_8, BIBUF_S_12, BIBUF_S_16, BIBUF_S_24,
BIBUF_H_8, BIBUF_H_12, BIBUF_H_16, BIBUF_H_24
3.3 V PCI
3.3 V
CLKBUF_PCI, HCLKBUF_PCI, INBUF_PCI, OUTBUF_PCI,
TRIBUF_PCI, BIBUF_PCI
3.3 V PCI-X
3.3 V
CLKBUF_PCI-X, HCLKBUF_PCI-X, INBUF_PCI-X, OUTBUF_PCI-X,
TRIBUF_PCI-X, BIBUF_PCI-X
LVCMOS25
2.5 V
CLKBUF_LVCMOS25, HCLKBUF_LVCMOS25, INBUF_LVCMOS25,
OUTBUF_LVCMOS25, TRIBUF_LVCMOS25, BIBUF_LVCMOS25
LVCMOS18
1.8 V
CLKBUF_LVCMOS18, HCLKBUF_LVCMOS18, INBUF_LVCMOS18,
OUTBUF_LVCMOS18, TRIBUF_LVCMOS18, BIBUF_LVCMOS18
LVCMOS15
(JESD8-11)
1.5 V
CLKBUF_LVCMOS15, HCLKBUF_LVCMOS15, INBUF_LVCMOS15,
OUTBUF_LVCMOS15, TRIBUF_LVCMOS15, BIBUF_LVCMOS15
Table 2-16 • I/O Macros for Differential I/O Standards
Standard
VCCI
Macro Names
LVPECL
3.3 V
CLKBUF_LVPECL, HCLKBUF_LVPECL, INBUF_LVPECL, OUTBUF_LVPECL
LVDS
2.5 V
CLKBUF_LVDS, HCLKBUF_LVDS, INBUF_LVDS, OUTBUF_LVDS
Table 2-17 • I/O Macros for Voltage-Referenced I/O Standards
Standard
VCCI
VREF
Macro Names
GTL+
3.3 V
1.0 V CLKBUF_GTP33, HCLKBUF_GTP33, INBUF_GTP33,
OUTBUF_GTP33, TRIBUF_GTP33, BIBUF_GTP33
GTL+
2.5 V
1.0 V CLKBUF_GTP25, HCLKBUF_GTP25, INBUF_GTP25,
OUTBUF_GTP25, TRIBUF_GTP25, BIBUF_GTP25
SSTL2 Class I
2.5 V
1.25 V CLKBUF_SSTL2_I, HCLKBUF_SSTL2_I, INBUF_SSTL2_I,
OUTBUF_SSTL2_I, TRIBUF_SSTL2_I, BIBUF_SSTL2_I
SSTL2 Class II
2.5 V
1.25 V CLKBUF_SSTL2_II, HCLKBUF_SSTL2_II, INBUF_SSTL2_II,
OUTBUF_SSTL2_II, TRIBUF_SSTL2_II, BIBUF_SSTL2_II
SSTL3 Class I
3.3 V
1.5 V CLKBUF_SSTL3_I, HCLKBUF_SSTL3_I, INBUF_SSTL3_I,
OUTBUF_SSTL3_I, TRIBUF_SSTL3_I, BIBUF_SSTL3_I
SSTL3 Class II
3.3 V
1.5 V CLKBUF_SSTL3_II, HCLKBUF_SSTL3_II, INBUF_SSTL3_II,
OUTBUF_SSTL3_II, TRIBUF_SSTL3_II, BIBUF_SSTL3_II
HSTL Class I
1.5 V
0.75 V CLKBUF_HSTL_I, HCLKBUF_HSTL_I, INBUF_HSTL_I,
OUTBUF_HSTL_I, TRIBUF_HSTL_I, BIBUF_HSTL_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com