Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX500 Datasheet(PDF) 17 Page - Microsemi Corporation

Part # AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 13Page - Microsemi Corporation AX500 Datasheet HTML 14Page - Microsemi Corporation AX500 Datasheet HTML 15Page - Microsemi Corporation AX500 Datasheet HTML 16Page - Microsemi Corporation AX500 Datasheet HTML 17Page - Microsemi Corporation AX500 Datasheet HTML 18Page - Microsemi Corporation AX500 Datasheet HTML 19Page - Microsemi Corporation AX500 Datasheet HTML 20Page - Microsemi Corporation AX500 Datasheet HTML 21Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2-3
Table 2-4 • Default CLOAD/VCCI
CLOAD (pF)
VCCI (V)
PLOAD
(mw/MHz)
P10 (mw/MHz)
PI/O (mW/MHz)*
Single-Ended without VREF
LVTTL 24 mA High Slew
35
3.3
381.2
267.5
648.7
LVTTL 16 mA High Slew
35
3.3
381.2
225.1
606.3
LVTTL 12 mA High Slew
35
3.3
381.2
165.9
547.1
LVTTL 8 mA High Slew
35
3.3
381.2
130.3
511.5
LVTTL 24 mA Low Slew
35
3.3
381.2
169.2
550.4
LVTTL 16 mA Low Slew
35
3.3
381.2
150.8
532.0
LVTTL 12 mA Low Slew
35
3.3
381.2
138.6
519.8
LVTTL 8 mA Low Slew
35
3.3
381.2
118.7
499.9
LVCMOS – 25
35
2.5
218.8
148.0
366.8
LVCMOS – 18
35
1.8
113.4
73.4
186.8
LVCMOS – 15 (JESD8-11)
35
1.5
78.8
49.5
128.3
PCI
10
3.3
108.9
218.5
327.4
PCI-X
10
3.3
108.9
162.9
271.8
Single-Ended with VREF
HSTL-I
20
1.5
–
40.9
40.9
SSTL2-I
30
2.5
–
171.2
171.2
SSTL2-II
30
2.5
–
147.8
147.8
SSTL3-I
30
3.3
–
327.2
327.2
SSTL3-II
30
3.3
–
288.4
288.4
GTLP – 25
10
2.5
–
61.5
61.5
GTLP – 33
10
3.3
–
68.5
68.5
Differential
LVPECL – 33
N/A
3.3
–
260.6
260.6
LVDS – 25
N/A
2.5
–
145.8
145.8
Note:
*PI/O = P10 + CLOAD * VCCI
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com