Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3112-4R7-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SD3112-4R7-R
Description  600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD3112-4R7-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SD3112-4R7-R Datasheet HTML 6Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 7Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 8Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 9Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 10Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 11Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 12Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 13Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201999B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1171
600mA Voltage-Scaling Step-Down Converter
for RF Power Amplifiers with Bypass Switch
DATA SHEET
Typical Characteristics
DAC to Bypass Transient Response
(LL Mode; VIN = 4.2V; RL = 10
Ω; C
OUT = 4.7µF; L = 2.2µH)
Time (25µs/div)
VOUT
1V/div
VDAC
0.5V/div
0
0
0.6V
4.2V
1.3V
0.2V
Enable Soft Start
(VIN = 3.6V; VOUT = 1.8V; RL = 3.9Ω;
COUT = 4.7µF; L = 2.2µH)
Time (20µs/div)
VOUT
1V/div
Enable
2V/div
IIN
200mA/div
0V
0V
0A
1.8V
Load Transient Response
(VIN = 4.2V; VOUT = 3.3V; COUT = 4.7µF; L = 2.2µH)
Time (20µs/div)
VOUT
(AC coupled)
20mV/div
IOUT
200mA/div
525mA
250mA
3.51V
3.26V
Load Transient Response
(VIN = 3.6V; VOUT = 1.8V; COUT = 4.7µF; L = 2.2µH)
Time (20µs/div)
VOUT
(AC coupled)
20mV/div
IOUT
100mA/div
200mA
500mA
1.914V
1.798V
Line Transient Response
(VOUT = 1.5V; RL = 10
Ω
Ω; C
OUT = 4.7µF; L = 2.2µH)
Time (50µs/div)
VOUT
(AC coupled)
50mV/div
VIN
0.5V/div
3.6V
3.0V
1.56V
1.44V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com