Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3112-4R7-R Datasheet(PDF) 15 Page - Skyworks Solutions Inc.

Part # SD3112-4R7-R
Description  600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD3112-4R7-R Datasheet(HTML) 15 Page - Skyworks Solutions Inc.

Back Button SD3112-4R7-R Datasheet HTML 11Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 12Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 13Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 14Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 15Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 16Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 17Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 18Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 19Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201999B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1171
600mA Voltage-Scaling Step-Down Converter
for RF Power Amplifiers with Bypass Switch
DATA SHEET
The input capacitor provides a low impedance loop for
the edges of pulsed current drawn by the AAT1171. Low
ESR/ESL X7R and X5R ceramic capacitors are ideal for
this function. To minimize stray inductance, the capaci-
tor should be placed as closely as possible to the IC. This
keeps the high frequency content of the input current
localized, minimizing EMI and input voltage ripple.
The proper placement of the input capacitor (C1) can be
seen in the evaluation board layout in Figure 4.
A laboratory test set-up typically consists of two long
wires running from the bench power supply to the eval-
uation board input voltage pins. The inductance of these
wires, along with the low-ESR ceramic input capacitor,
can create a high Q network that may affect converter
performance. This problem often becomes apparent in
the form of excessive ringing in the output voltage dur-
ing load transients with errors in loop phase and gain
measurements.
Since the inductance of a short PCB trace feeding the
input voltage is significantly lower than the power leads
from the bench power supply, most applications do not
exhibit this problem.
In applications where the input power source lead induc-
tance cannot be reduced to a level that does not affect
the converter performance, a high ESR tantalum or alu-
minum electrolytic capacitor (C3 of Figure 5) should be
placed in parallel with the low ESR, ESL bypass ceramic
capacitor. This dampens the high Q network and stabi-
lizes the system.
DAC Programming Gain
The output voltage is dynamically controlled by the DAC
input voltage. The DAC to output gain is fixed at 3. The
typical response time for a 0.2V to 1.2V pulsed signal on
the DAC input is less than 30μs. The DAC gain can be
reduced by an external resistive divider at the DAC
input, as shown in the evaluation board schematic in
Figures 2 and 3. For a DAC to output gain of 2 and R2
at 10kΩ, R1 is 4.99kΩ.
(3- GDAC)R2
GDAC
(3 - 2)10kΩ
2
R1 =
=
= 4.99kΩ
Thermal Calculations
There are three types of losses associated with the
AAT1171 step-down converter: switching losses, con-
duction losses, and quiescent current losses. Conduction
losses are associated with the RDS(ON) characteristics of
the power MOSFET devices. Switching losses are domi-
nated by the gate charge of the power MOSFET devices.
The AAT1171 main and synchronous power MOSFETs are
sized to have similar RDS(ON) values that track with the
input voltage. At full load, assuming continuous conduc-
tion mode (CCM), a simplified form of the step-down
converter losses is given by:
PTOTAL = IO2 · RDS(ON) + (tSW · FS · IO + IQ) · VIN
IQ is the step-down converter quiescent current. The
term tsw is used to estimate the full load switching loss-
es, which are dominated by the gate charge losses.
For the condition where the buck converter is at 100%
duty cycle dropout, the total device dissipation reduces
to:
PTOTAL = IO2 · RDS(ON) + IQ · VIN
In bypass mode, the bypass MOSFET RDS(ON)(bp) is used to
determine the losses. The power MOSFET RDS(ON) increas-
es with decreasing input voltage and the associated
losses are a maximum at the minimum input voltage
(2.7V).
PTOTAL = IO2 · RDS(ON)(bp) + IQ · VIN
Since the RDS(ON), quiescent current, and switching losses
all vary with input voltage, the total losses should be
investigated over the complete input voltage range.
After calculating the total losses, the maximum junction
temperature can be derived from the θJA for the TDFN33-
12 package which is typically 50°C/W.
TJ(MAX) = PTOTAL · ΘJA + TAMB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com