Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3112-4R7-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SD3112-4R7-R
Description  600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD3112-4R7-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SD3112-4R7-R Datasheet HTML 1Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 2Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 3Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 4Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 5Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 6Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 7Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 8Page - Skyworks Solutions Inc. SD3112-4R7-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201999B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1171
600mA Voltage-Scaling Step-Down Converter
for RF Power Amplifiers with Bypass Switch
DATA SHEET
General Description
The AAT1171 SwitchReg™ dynamically controls the oper-
ating voltage of a WCDMA or CDMA power amplifier
inside single-cell, lithium-ion battery-powered systems.
The AAT1171 outputs a voltage between 0.6V and 3.6V,
thereby optimizing the amplifier efficiency at both low
and high transmit levels.
The AAT1171 output voltage is controlled via an analog
signal from the baseband processor. It can deliver
600mA of continuous load current while maintaining a
low 45μA of no load quiescent current. The 2MHz switch-
ing frequency minimizes the size of external components
while keeping switching losses low. To further improve
system efficiency, an 85mΩ bypass MOSFET transistor is
also included to allow the PA to be powered directly from
the battery.
The AAT1171 maintains high efficiency thoughout the
entire load range in Light Load (LL) mode, and can be
forced into Pulse Wide Modulation (PWM) mode for low
noise operation or can be synchronized to an external
clock.
The AAT1171 is available in a Pb-free, space-saving
TDFN33-12 or 12-pin wafer-level chip scale package
(WLCSP) and is rated over the -40°C to +85°C tempera-
ture range.
Features
• VIN Range: 2.7V to 5.5V
• Variable Output Voltage: 0.6V to 3.6V
• 600mA Output Current
• DAC Input: 0.2V to 1.2V
• High Output Accuracy: ±3%
• 45μA No Load Quiescent Current
• Internal Soft Start Limits Startup Current and Output
Voltage Overshoot
• Synchronizable to External 19.8MHz System Clock
• Over-Temperature and Current Limit Protection
• Integrated 85mΩ Bypass MOSFET
• 2MHz Operation
• PWM/LL Control with Override
• Fast Start-Up:
▪ 50μs (AAT1171-4, AAT1171-5)
▪ 150μs (AAT1171-1)
• 100% Duty Cycle Operation
• <30μs Output Voltage Response Time
• 3x3mm 12-Pin TDFN or 1.535x2.235mm 12-Pin
WLCSP Package
• Temperature Range: -40°C to +85°C
Applications
• WCDMA or CDMA PA in Cellular Phones, Smartphones,
Feature Phones, etc.
• Express Card
• PCMCIA Data Cards
Typical Application
AAT1171-1/
AAT1171-4
PA
VREF
VCC2
VCC2
VCONT
Baseband
Processor
TX
RX
DAC
0.6V - 3.6V
LX
VOUT
GNDx2
DAC
VIN
4.7μF
4.7μF
2.2μH
EN
MODE/SYNC
BYPASS
VCC
–
C
IN
C
OUT
L1
AAT1171-5
PA
VREF
VCC2
VCC2
VCONT
Baseband
Processor
TX
RX
DAC
0.6V - 3.6V
LX
VOUT
GNDx2
DAC
VIN
4.7μF
10μF
4.7μH
EN
MODE/SYNC
BYPASS
VCC
–
C
IN
C
OUT
L1


Similar Part No. - SD3112-4R7-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SD3112-4R7-R EATON-SD3112-4R7-R Datasheet
868Kb / 4P
Low profile metalized shielded drum core power inductors
More results

Similar Description - SD3112-4R7-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Advanced Analogic Techn...
AAT1142 ANALOGICTECH-AAT1142 Datasheet
979Kb / 22P
800mA Voltage-Scaling Step-Down Converter
AAT1171 ANALOGICTECH-AAT1171 Datasheet
795Kb / 22P
600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com