Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24971 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP24971
Description  1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24971 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP24971 Datasheet HTML 1Page - Monolithic Power Systems MP24971 Datasheet HTML 2Page - Monolithic Power Systems MP24971 Datasheet HTML 3Page - Monolithic Power Systems MP24971 Datasheet HTML 4Page - Monolithic Power Systems MP24971 Datasheet HTML 5Page - Monolithic Power Systems MP24971 Datasheet HTML 6Page - Monolithic Power Systems MP24971 Datasheet HTML 7Page - Monolithic Power Systems MP24971 Datasheet HTML 8Page - Monolithic Power Systems MP24971 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP24971 –1.5A, 50V, 100kHz, 5V FIXED OUTPUT STEP-DOWN CONVERTER
MP24971 Rev. 1.01
www.MonolithicPower.com
2
1/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Operating Temperature (TJ)
MP24971DS*
SOIC8
MP24971
-40
C to +125C
MP24971DN**
SOIC8E
MP24971
-40
C to +125C
* For Tape & Reel, add suffix –Z (eg. MP24971DS–Z);
For RoHS, compliant packaging, add suffix –LF (eg. MP24971DS–LF–Z).
** For Tape & Reel, add suffix –Z (eg. MP24971DN–Z);
For RoHS, compliant packaging, add suffix –LF (eg. MP24971DN–LF–Z).
PACKAGE REFERENCE
SOIC8
SOIC8E
ABSOLUTE MAXIMUM RATINGS (1)
Input Voltage VIN .......................................... 60V
VISN, VISP, VVOS........................................0V to 8V
|VISN -VISP| ...........................................0V to 0.4V
VSW..................................... -0.3V to (VIN + 0.3V)
VBST ................................................... VSW + 6.5V
All Other Pins...............................-0.3V to +6.5V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Continuous Power Dissipation (TA = 25°C)
(2)
SOIC8 ...................................................... 1.38W
SOIC8E...................................................... 2.5W
ESD Susceptibility
HBM (Human Body Mode).......................... 2kV
Recommended Operating Conditions
(3)
Input Voltage VIN................................. 8V to 50V
Maximum Junction Temp. (TJ) ................ 125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8..................................... 90 ...... 45... °C/W
SOIC8E .................................. 50 ...... 10... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com