Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24971 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP24971
Description  1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24971 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP24971 Datasheet HTML 1Page - Monolithic Power Systems MP24971 Datasheet HTML 2Page - Monolithic Power Systems MP24971 Datasheet HTML 3Page - Monolithic Power Systems MP24971 Datasheet HTML 4Page - Monolithic Power Systems MP24971 Datasheet HTML 5Page - Monolithic Power Systems MP24971 Datasheet HTML 6Page - Monolithic Power Systems MP24971 Datasheet HTML 7Page - Monolithic Power Systems MP24971 Datasheet HTML 8Page - Monolithic Power Systems MP24971 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP24971 –1.5A, 50V, 100kHz, 5V FIXED OUTPUT STEP-DOWN CONVERTER
MP24971 Rev. 1.01
www.MonolithicPower.com
3
1/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Output Voltage
VOUT
8V
 VIN  50V, RSENSE=0Ω
4.85
5
5.15
V
Output Over-Voltage
Protection
VOVP
5.69
6
6.2
V
Switch-On Resistance
RDS(ON)
0.4
0.5
Ω
Switch Leakage
VISN = 6.5V, VSW = 0V
0.1
1
(5)
μA
Current Limit
3.5
4.4
5.2
A
Oscillator Frequency
fSW
70
100
140
kHz
Bootstrap Voltage
VBST - VSW
4
V
Minimum On Time
tON
50
100
250
ns
SW Rising Edge
tRISE
50
100
ns
SW Falling Edge
tFALL
85
150
ns
Under-Voltage Lockout Threshold
Rising
2.8
3.5
4.2
V
Under-Voltage Lockout Threshold
Hysteresis
200
mV
Load-Line Compensation
Gain
VVOC
VISP-VISN=50mV
200
330
450
mV
VISP-VISN=100mV
500
620
700
Current Sense Voltage
VISP-VISN
VISN=5V
90
100
110
mV
Input Bias Current (ISN, ISP)
IBIAS (ISN,ISP) VISP=VISN=5V
-1
-0.5
+1
μA
Supply Current (Quiescent)
VISN = VVOS = 5.5V
1.2
1.5
mA
Thermal Shutdown
150
°C
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com