Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24971 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP24971
Description  1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24971 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP24971 Datasheet HTML 1Page - Monolithic Power Systems MP24971 Datasheet HTML 2Page - Monolithic Power Systems MP24971 Datasheet HTML 3Page - Monolithic Power Systems MP24971 Datasheet HTML 4Page - Monolithic Power Systems MP24971 Datasheet HTML 5Page - Monolithic Power Systems MP24971 Datasheet HTML 6Page - Monolithic Power Systems MP24971 Datasheet HTML 7Page - Monolithic Power Systems MP24971 Datasheet HTML 8Page - Monolithic Power Systems MP24971 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP24971 –1.5A, 50V, 100kHz, 5V FIXED OUTPUT STEP-DOWN CONVERTER
MP24971 Rev. 1.01
www.MonolithicPower.com
5
1/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
Current Limit vs.
Temperature
VVOS vs. Temperature
VOVP vs. Temperature
VVOC vs. Temperature
VISP-VISN=100mV
Frequency vs. Temperature
Quiescent Current vs.
Temperature
VISP-VISN vs. Temperature
VISN=5V
VBST vs. Temperature
IBIAS(ISP,ISN) vs.
Temperature
VISP=VISN=5V
-0.85
-0.8
-0.75
-0.7
-0.65
-0.6
-0.55
-0.5
-0.45
-50
-20
10
40
70 100 130
4.4
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
-50
-20
10
40
70 100 130
4.94
4.9425
4.945
4.9475
4.95
4.9525
4.955
4.9575
4.96
-50 -20
10
40
70 100 130
100
101
102
103
104
105
106
107
108
109
110
-50
-20
10
40
70 100 130
5.9
5.91
5.92
5.93
5.94
5.95
5.96
-50
-20
10
40
70 100 130
615
620
625
630
635
640
-50
-20
10
40
70 100 130
3.8
3.85
3.9
3.95
4
4.05
4.1
-50
-20
10
40
70 100 130
1130
1140
1150
1160
1170
1180
1190
1200
1210
1220
-50
-20
10
40
70 100 130
100
100.5
101
101.5
102
102.5
103
103.5
104
104.5
105
-50
-20
10
40
70 100 130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com