Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28372 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP28372
Description  Dual 1.5A, 23V, 1.4MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28372 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP28372 Datasheet HTML 1Page - Monolithic Power Systems MP28372 Datasheet HTML 2Page - Monolithic Power Systems MP28372 Datasheet HTML 3Page - Monolithic Power Systems MP28372 Datasheet HTML 4Page - Monolithic Power Systems MP28372 Datasheet HTML 5Page - Monolithic Power Systems MP28372 Datasheet HTML 6Page - Monolithic Power Systems MP28372 Datasheet HTML 7Page - Monolithic Power Systems MP28372 Datasheet HTML 8Page - Monolithic Power Systems MP28372 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP28372 — DUAL 1.5A, 23V, 1.4MHz STEP-DOWN CONVERTER
MP28372 Rev. 1.4
www.MonolithicPower.com
2
12/10/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
SSA
NC1
BSA
INA
SWA
PGA
SGA
FBB
COMPB
ENB
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
ENA
COMPA
FBA
SGB
PGB
SWB
INB
NC2
BSB
SSB
TOP VIEW
EXPOSED PAD
FOR TSSOP20F ONLY
Part Number*
Package
Temperature
MP28372DF
TSSOP20F
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP28372DF–Z)
For Lead Free, add suffix –LF (eg. MP28372DF–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage (INA, INB )................................ 25V
Switch Voltage (SWA, SWB) .............................. 26V
Bootstrap Voltage (BSA, BSB) .................. VSW + 6V
Feedback Voltage (FBA, FBB) ............–0.3V to +6V
Enable/UVLO Voltage (ENA, ENB)......–0.3V to +6V
Comp Voltage (COMPA, COMPB)...........–0.3V to +6V
Soft Start Voltage (SSA, SSB).............–0.3V to +6V
Junction Temperature.............................+150
°C
Lead Temperature ..................................+260
°C
Storage Temperature.............. –65°C to +150
°C
SSA
BSA
INA
SWA
GNDA
FBB
COMPB
ENB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ENA
COMPA
FBA
GNDB
SWB
INB
BSB
SSB
TOP VIEW
Part Number*
Package
Temperature
MP28372DS
SOIC16
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP28372DS–Z)
For Lead Free, add suffix –LF (eg. MP28372DS–LF–Z)
Recommended Operating Conditions
(2)
Supply Voltage (VIN) ...................... 4.75V to 23V
Operating Temperature.................–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSSOP20F ............................. 40 ....... 6....
°C/W
SOIC16.................................. 105 ..... 40...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com