Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28372 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP28372
Description  Dual 1.5A, 23V, 1.4MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28372 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP28372 Datasheet HTML 4Page - Monolithic Power Systems MP28372 Datasheet HTML 5Page - Monolithic Power Systems MP28372 Datasheet HTML 6Page - Monolithic Power Systems MP28372 Datasheet HTML 7Page - Monolithic Power Systems MP28372 Datasheet HTML 8Page - Monolithic Power Systems MP28372 Datasheet HTML 9Page - Monolithic Power Systems MP28372 Datasheet HTML 10Page - Monolithic Power Systems MP28372 Datasheet HTML 11Page - Monolithic Power Systems MP28372 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MP28372 — DUAL 1.5A, 23V, 1.4MHz STEP-DOWN CONVERTER
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP28372 Rev. 1.4
www.MonolithicPower.com
12
12/10/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
SOIC16
NOTE:
1) CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS IN MILLIMETERS.
2) PACKAGE LENGTH AND WIDTH DO NOT INCLUDE MOLD FLASH, OR PROTRUSIONS.
3) DRAWING CONFORMS TO JEDEC MS-001, VARIATION BB.
4) DRAWING IS NOT TO SCALE.
0.008(0.20)
0.014(0.36)
0.240(6.10)
0.260(6.60)
PIN 1 ID
0.050(1.27)
0.065(1.65)
0.745(18.92)
0.765(19.43)
TOP VIEW
FRONT VIEW
SIDE VIEW
18
16
9
0.300(7.62)
0.325(8.26)
0.320( 8.13)
0.400(10.16)
0.125(3.18)
0.145(3.68)
0.120(3.05)
0.140(3.56)
0.015(0.38)
0.021(0.53)
0.100(2.54)
BSC
0.015(0.38)
0.035(0.89)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com