Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28372 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP28372
Description  Dual 1.5A, 23V, 1.4MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28372 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP28372 Datasheet HTML 1Page - Monolithic Power Systems MP28372 Datasheet HTML 2Page - Monolithic Power Systems MP28372 Datasheet HTML 3Page - Monolithic Power Systems MP28372 Datasheet HTML 4Page - Monolithic Power Systems MP28372 Datasheet HTML 5Page - Monolithic Power Systems MP28372 Datasheet HTML 6Page - Monolithic Power Systems MP28372 Datasheet HTML 7Page - Monolithic Power Systems MP28372 Datasheet HTML 8Page - Monolithic Power Systems MP28372 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP28372 — DUAL 1.5A, 23V, 1.4MHz STEP-DOWN CONVERTER
MP28372 Rev. 1.4
www.MonolithicPower.com
3
12/10/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.75V
≤ VIN ≤ 23V
0.901
0.920
0.939
V
Upper Switch-On Resistance RDS(ON)1
0.18
Ω
Lower Switch-On Resistance RDS(ON)2
10
Ω
Upper Switch Leakage
VEN = 0V, VSW = 0V
10
µA
Current Limit
(4)
2.5
3.0
A
Current Limit Gain
Output Current to Comp Pin
Voltage
GCS
1.95
A/V
Error Amplifier Voltage Gain
AVEA
400
V/V
Error Amplifier
Transconductance
GEA
ΔIC = ±10 μA
630
930
1230
μA/V
Oscillator Frequency
fOSC
1.4
MHz
Short Circuit Frequency
fSC
VFB = 0V
210
KHz
Soft-Start Pin Equivalent
Output Resistance
9
kΩ
EN Shutdown Threshold
Voltage
VEN
ICC > 100μA
0.7
1.0
1.3
V
Enable Pull-Up Current
IEN
1.0
μA
EN UVLO Threshold Rising
VUVLO
VEN Rising
2.37
2.50
2.62
V
EN UVLO Threshold
Hysteresis
210
mV
Supply Current (Shutdown)
IOFF
VEN ≤ 0.4V
40
70
μA
Supply Current (Quiescent)
ION
VEN ≥ 3V
2.4
2.8
mA
Thermal Shutdown
DMAX
160
°C
Maximum Duty Cycle
VFB = 0.8V
70
%
Minimum On Time
tON
100
ns
Note:
4) Equivalent output current = 1.5A ≥ 50% Duty Cycle
2.0A ≤ 50% Duty Cycle
Assumes ripple current = 30% of load current.
Slope compensation changes current limit above 40% duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com