Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62040 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP62040
Description  1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62040 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP62040 Datasheet HTML 1Page - Monolithic Power Systems MP62040 Datasheet HTML 2Page - Monolithic Power Systems MP62040 Datasheet HTML 3Page - Monolithic Power Systems MP62040 Datasheet HTML 4Page - Monolithic Power Systems MP62040 Datasheet HTML 5Page - Monolithic Power Systems MP62040 Datasheet HTML 6Page - Monolithic Power Systems MP62040 Datasheet HTML 7Page - Monolithic Power Systems MP62040 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP62040/MP62041 – 1.7V - 5.5V, 2A POWER DISTRIBUTION SWITCH
MP62040/MP62041 Rev. 1.0
www.MonolithicPower.com
2
7/18/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PACKAGE REFERENCE
Part Number
Enable
Switch
Maximum
Continuous Load
Current
Package
Top
Marking
Free Air Temperature (TA)
MP62040DQFU* Active Low
Single
2A
UTQFN4
AGY
–40
C to +85C
MP62041DQFU** Active High
UTQFN4
AEY
* For Tape & Reel, add suffix –Z (e.g. MP62040DQFU–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP62040DQFU-LF–Z)
** For Tape & Reel, add suffix –Z (e.g. MP62041DQFU–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP62041DQFU-LF–Z)
PACKAGE REFERENCE
*: EN is active high for MP62041
ABSOLUTE MAXIMUM RATINGS (1)
IN .................................................-0.3V to +6.0V
EN, OUT to GND .........................-0.3V to +6.0V
Continuous Power Dissipation (TA = +25°C)
(2)
UTQFN4 ................................................... .0.7W
Continuous Drain Current
TA = +25°C................................................... ±2A
TA = +85°C................................................ ±1.4A
Pulsed Drain Current
(3).............................. .±6A
Continuous Diode Current
(4)...................-50mA
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Maximum Junction Temp. (TJ) ............. +125°C
Thermal Resistance
(5)
θJA
θJC
UTQFN4 ................................ 173 .... 127..
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any
ambient
temperature
is
calculated
by
PD(MAX)=(TJ(MAX)-TA)/θJA.
Exceeding
the
maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) Pulse width <300µs and duty cycle < 2%
4) Continuous body diode conduction (reverse conduction) is not
recommended.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com