Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62040 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP62040
Description  1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62040 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP62040 Datasheet HTML 1Page - Monolithic Power Systems MP62040 Datasheet HTML 2Page - Monolithic Power Systems MP62040 Datasheet HTML 3Page - Monolithic Power Systems MP62040 Datasheet HTML 4Page - Monolithic Power Systems MP62040 Datasheet HTML 5Page - Monolithic Power Systems MP62040 Datasheet HTML 6Page - Monolithic Power Systems MP62040 Datasheet HTML 7Page - Monolithic Power Systems MP62040 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP62040/MP62041 – 1.7V - 5.5V, 2A POWER DISTRIBUTION SWITCH
MP62040/MP62041 Rev. 1.0
www.MonolithicPower.com
5
7/18/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VEN = 3.6V, CL = 1μF, TA = +25C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com