Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62040 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP62040
Description  1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62040 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP62040 Datasheet HTML 1Page - Monolithic Power Systems MP62040 Datasheet HTML 2Page - Monolithic Power Systems MP62040 Datasheet HTML 3Page - Monolithic Power Systems MP62040 Datasheet HTML 4Page - Monolithic Power Systems MP62040 Datasheet HTML 5Page - Monolithic Power Systems MP62040 Datasheet HTML 6Page - Monolithic Power Systems MP62040 Datasheet HTML 7Page - Monolithic Power Systems MP62040 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP62040/MP62041 – 1.7V - 5.5V, 2A POWER DISTRIBUTION SWITCH
MP62040/MP62041 Rev. 1.0
www.MonolithicPower.com
3
7/18/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (6)
VIN=3.6V, TA=+25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
IN Voltage Range
VIN
1.7
5.5
V
Supply Current
Device active, IOUT=0
2
μA
Shutdown Current
Device
disable,
VIN=5.5V,
VOUT=float
1
μA
FET On_Resistance
VIN=1.7V, IOUT=100mA
165
225
mΩ
VIN=1.8V, IOUT=100mA
155
215
mΩ
VIN=2.5V, IOUT=100mA
130
200
mΩ
VIN=3.6V, IOUT=100mA
100
140
mΩ
VIN=4.5V, IOUT=100mA
85
115
mΩ
EN Input Logic High Voltage
VIN = 1.7V to 4.5V, ID = -250µA
1.2
V
EN Input Logic Low Voltage
VIN = 1.7V to 4.5V, ID = -250µA
0.4
V
EN Input Current
Device active, VIN = 5.5V
2
4
μA
VOUT Rising Time
(7)
Tr
VIN=3.6V, IOUT=100mA
75
115
200
μs
VOUT Falling Time
(8)
Tf
VIN=3.6V, IOUT=100mA
65
75
100
μs
Turn On_Time
(9)
Ton
VIN=3.6V, IOUT=100mA
235
350
μs
Turn Off_Time
(10)
Toff
VIN=3.6V, IOUT=100mA
100
200
μs
Notes:
6) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
7) Measured from 10% to 90%.
8) Measured from 90% to 10%.
9) Measured from (50%) EN signal to (90%) output signal.
10) Measured from (50%) EN signal to (10%) output signal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com