Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2012C Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TDS2012C
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS2012C Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TDS2012C Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 11Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Recommended accessories
Probes
TPP0101
10X passive probe, 100 MHz bandwidth
TPP0201
10X passive probe, 200 MHz bandwidth
P2220
1X/10X passive probe, 200 MHz bandwidth
P6101B
1X passive probe (15 MHz, 300 VRMS CAT II rating)
P6015A
1000X high-voltage passive probe (75 MHz)
P5100A
100X high-voltage passive probe (500 MHz)
P5200
High-voltage active differential probe (25 MHz)
P6021
15 A, 60 MHz AC-current probe
A621
2000 A, 5 to 50 kHz, AC-current probe
A622
100 A, 100 kHz, AC/DC current probe/BNC
TCP303/TCPA300
150 A, 15 MHz AC/DC current probe/amplifier
TCP305/TCPA300
50 A, 50 MHz AC/DC current probe/amplifier
TCP312/TCPA300
30 A, 100 MHz AC/DC current probe/amplifier
TCP404XL/TCPA400
500 A, 2 MHz AC/DC current probe/amplifier
Accessories
TEK-USB-488
GPIB-to-USB converter
SIGEXPTE
National Instruments SignalExpress Tektronix Edition Internative Measurement Software - Professional Version
AC2100
Soft carrying case for instrument
HCTEK4321
Hard plastic carrying case for instrument
RM2000B
Rackmount kit
077-0444-xx
Programmer manual, English only, PDF only, downloadable from www.tektronix.com/manuals
077-0446-xx
Service manual, English only, PDF only, downloadable from www.tektronix.com/manuals
174-4401-xx
USB host to device cable, 3 feet long
Tektronix is registered to ISO 9001 and ISO 14001 by SRI Quality System Registrar.
Product(s) complies with IEEE Standard 488.1-1987, RS-232-C, and with Tektronix Standard Codes and Formats.
TDS2000C Digital Storage Oscilloscopes
www.tektronix.com 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com