Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2012C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TDS2012C
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS2012C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TDS2012C Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Specifications
All specifications apply to all models unless noted otherwise.
Overview
TDS2001C
TDS2002C
TDS2004C
TDS2012C
TDS2014C
TDS2022C
TDS2024C
Display (QVGA LCD)
TFT on all models
Bandwidth
50 MHz
70 MHz
70 MHz
100 MHz
100 MHz
200 MHz
200 MHz
Channels
2
2
4
2
4
2
4
External trigger input
Included on all models
Sample rate on each channel
500 MS/s
1.0 GS/s
1.0 GS/s
2.0 GS//s
2.0 GS/s
2.0 GS/s
2.0 GS/s
Vertical system
Record length
2.5k points at all time bases on all models
Vertical resolution
8 bits
Vertical sensitivity
2 mV to 5 V/div on all models with calibrated fine adjustment
DC vertical accuracy
±3% on all models
Vertical zoom
Vertically expand or compress a live or stopped waveform
Maximum input voltage
300 VRMS CAT II; derated at 20 dB/decade above 100 kHz to 13 Vp-pAC at 3 MHz
Position range
2 mV to 200 mV/div +2 V;
>200 mV to 5 V/div +50 V
Bandwidth limit
20 MHz for all models
Input impedance
1 MΩ in parallel with 20 pF
Input coupling
AC, DC, GND on all models
Horizontal system
Time base accuracy
50 ppm
Horizontal zoom
Horizontally expand or compress a live or stopped waveform
Trigger system
Trigger modes
Auto, Normal, Single Sequence
Trigger types
Edge (rising/falling)
Conventional level-driven trigger. Positive or negative slope on any channel. Coupling selections: AC, DC, Noise Reject, HF Reject,
LF Reject
Video
Trigger on all lines or individual lines, odd/even or all fields from composite video, or broadcast standards (NTSC, PAL, SECAM)
Pulse width (or glitch)
Trigger on a pulse width less than, greater than, equal to, or not equal to, a selectable time limit ranging from 33 ns to 10 s
Trigger source
2-channel models
CH1, CH2, Ext, Ext/5, AC Line
4-channel models
CH1, CH2, CH3, CH4, Ext, Ext/5, AC Line
Trigger view
Displays the trigger signal while the Trigger View button is depressed
Trigger signal frequency readout
Provides a frequency readout of the trigger source
TDS2000C Digital Storage Oscilloscopes
www.tektronix.com 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com