Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2012C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TDS2012C
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS2012C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TDS2012C Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS2012C Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Input-output interfaces
USB Ports
The USB host port on the front panel supports USB flash drives
The USB device port on the back of the instrument supports connection to a PC and to all PictBridge-compatible printers
GPIB
Optional
Nonvolatile storage
Reference waveform display
Two 2.5k point reference waveforms
Waveform storage without USB
flash drive
TDS2001C, TDS2002C, TDS2012C, TDS2022C: Two 2.5k point waveforms
TDS2004C, TDS2014C, TDS2024C: Four 2.5k point waveforms
Maximum USB flash drive size
64 GB
Waveform storage with USB flash
drive
96 or more reference waveforms per 8 MB
Setups without USB flash drive
10 front-panel setups
Setups with USB flash drive
4,000 or more front-panel setups per 8 MB
Screen images with USB flash
drive
128 or more screen images per 8 MB.
The actual number of images depends on the file format selected
Save All with USB flash drive
12 or more Save All operations per 8 MB
A single Save All operation creates 3 to 9 files (setup, image, plus one file for each displayed waveform)
Power source
Power source
Source voltage
Full range: 100 to 240 VAC RMS ±10%, Installation Category II (covers range of 90 to 264 VAC)
Power consumption
Power consumption: Less than 30 W at 85 to 275 VAC input
Physical characteristics
Instrument dimensions
Height
158.0 mm (6.2 inches)
Width
326.3 mm (12.8 inches)
Depth
124.2 mm (4.9 inches)
Instrument weight
Instrument only
2.0 kg (4.4 lb)
Instrument with accessories
2.2 kg (4.9 lb)
Shipping package dimensions
Height
266.7 mm (10.5 inches)
Width
476.2 mm (18.7 inches)
Depth
228.6 mm (9.0 inches)
RM2000B rackmount dimensions
Height
482.6 mm (19.0 inches)
Width
177.8 mm (7.0 inches)
Depth
108.0 mm (4.3 inches)
TDS2000C Digital Storage Oscilloscopes
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com