Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62150 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP62150
Description  3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62150 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP62150 Datasheet HTML 1Page - Monolithic Power Systems MP62150 Datasheet HTML 2Page - Monolithic Power Systems MP62150 Datasheet HTML 3Page - Monolithic Power Systems MP62150 Datasheet HTML 4Page - Monolithic Power Systems MP62150 Datasheet HTML 5Page - Monolithic Power Systems MP62150 Datasheet HTML 6Page - Monolithic Power Systems MP62150 Datasheet HTML 7Page - Monolithic Power Systems MP62150 Datasheet HTML 8Page - Monolithic Power Systems MP62150 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP62150/MP62151 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62150/MP62151 Rev. 0.9
www.MonolithicPower.com
2
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Enable
Switch
Maximum
Continuous
Load Current
Typical
Short-Circuit
Current
@ TA=25C
Package
Top
Marking
Temperature
MP62150DH
Active
Low
Single
1.5A
2.3A
MSOP8E 62150DH –40
°C to +85°C
MP62151DH
Active
High
Single
1.5A
2.3A
MSOP8E 62151DH –40
°C to +85°C
*
For Tape & Reel, add suffix –Z (eg. MP62150/MP62151DH–Z); For RoHS Compliant Packaging, add suffix –LF;
(eg. MP62150/MP62151DH–L)
PACKAGE REFERENCE
GND
IN
IN
EN*
OUT
OUT
OUT
FLAG
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
ON BACKSIDE
MP62151/MP62150
Single-Channel
*: EN is active low for MP62350
ABSOLUTE MAXIMUM RATINGS
(1)
IN .................................................-0.3V to +6.0V
EN, FLAG, OUT to GND ..............-0.3V to +6.0V
Continuous Power Dissipation (TA = +25°C)
(2)
MSOP8E.................................................... 2.3W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature...............–65°C to +150°C
Operating Temperature..............–40°C to +85°C
Thermal Resistance
(3)
θJA
θJC
MSOP8E................................. 55 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com